Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TD455EK6 Arkusz danych(PDF) 1 Page - Transko Electronics, Inc.

Numer części TD455EK6
Szczegółowy opis  CDMA450 Rx Balanced SAW Duplexer For 455.0 MHz / 465.0 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRANSKO [Transko Electronics, Inc.]
Strona internetowa  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TD455EK6 Arkusz danych(HTML) 1 Page - Transko Electronics, Inc.

  TD455EK6 Datasheet HTML 1Page - Transko Electronics, Inc. TD455EK6 Datasheet HTML 2Page - Transko Electronics, Inc. TD455EK6 Datasheet HTML 3Page - Transko Electronics, Inc. TD455EK6 Datasheet HTML 4Page - Transko Electronics, Inc. TD455EK6 Datasheet HTML 5Page - Transko Electronics, Inc. TD455EK6 Datasheet HTML 6Page - Transko Electronics, Inc. TD455EK6 Datasheet HTML 7Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TD455EK6
Transko Electronics, Inc.
3981 E. Miraloma Ave., Anaheim CA 92806 USA
Tel: 714-528-8000 Fax: 714-528-8017 Website: www.transko.com
E-mail: sales@transko.com
RoHS
Compliant
RoHS
Compliant
RoHS
Compliant
RoHS
Compliant
Electrical Characteristics
MAXIMUM RATING
PARAMETERS DESCRIPTION
UNIT
MINIMUM
TYPICAL
MAXIMUM
Operating Temperature Range
°C
-30
-
+85
Storage Temperature Range
°C
-40
-
+85
Maximum DC Voltage
V
-
0
-
Input Power Level
dBm
29dBm> 50000 Hours, CW tone(Ta= +55
C)
Antenna & Tx Impedance (single ended)
-
50
-
Rx Impedance (balanced)
(1)
-
100
-
Package type & size
K6
Length x Width
mm²
-
5.0 x 5.0
-
Height
mm
-
1.8
-
ELECTRICAL SPECIFICATION
PARAMETERS
DESCRIPTION
CONDITION [MHZ]
UNIT
MINIMUM
TYPICAL
MAXIMUM
Tx
 Ant
Specifications
Insertion Loss
452.5 ~ 457.5
dB
-
2.2
3.2
Return Loss
452.5 ~ 457.5
dB
9
12
-
Absolute Attenuation
462.5 ~ 467.5
dB
45
55
-
1574.0
dB
25
38
-
480.0 ~ 1200.0
dB
25
28
-
1200.0 ~ 2100.0
dB
15
20
-
Ant → Rx
Specifications
Insertion Loss
462.5 ~ 467.5
dB
-
3.2
3.8
Amplitude Imbalance
462.5 ~ 467.5
dB
-1.0
-0.45/0.40
1.0
Phase Imbalance
462.5 ~ 467.5
deg
-15
8.0/10.0
15
Return Loss
462.5 ~ 467.5
dB
9
12
-
Absolute Attenuation
452.5 ~ 457.5
dB
45
52
-
477.0 ~ 480.0
dB
30
35
-
480.0 ~ 1200.0
dB
30
38
-
1200.0 ~ 2100.0
dB
20
30
-
Tx
→ Rx
Specifications
Isolation
452.5 ~ 457.5
dB
52
63
-
462.5 ~ 467.5
dB
52
65
-
Notes : (1) No Matching Network .
 CDMA450 Rx Balanced SAW Duplexer For 455.0 MHz / 465.0 MHz
 Revision 0: June 2011


Podobny numer części - TD455EK6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Transko Electronics, In...
TD455EK4 TRANSKO-TD455EK4 Datasheet
663Kb / 7P
CDMA450 Rx Balanced SAW Duplexer For 455.0 MHz / 465.0 MHz
Revision 3: February 2011
TD455EK5 TRANSKO-TD455EK5 Datasheet
686Kb / 7P
CDMA450 Rx Balanced SAW Duplexer For 455.0 MHz / 465.0 MHz
Revision 0: January 2011
More results

Podobny opis - TD455EK6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Transko Electronics, In...
TD-0455Q3-C80 TRANSKO-TD-0455Q3-C80 Datasheet
575Kb / 7P
LTE 450 SAW DUPLEXER For 455.0 MHz / 465.0 MHz
Revision 0: February 2014
TD412DK4 TRANSKO-TD412DK4 Datasheet
674Kb / 7P
CDMA450 Rx Balanced SAW Duplexer For 412.5 MHz / 422.5 MHz
Revision 0: May 2011
TD412DK5 TRANSKO-TD412DK5 Datasheet
601Kb / 7P
CDMA450 Rx Balanced SAW Duplexer For 412.5 MHz / 422.5 MHz
Revision 0: May 2011
TD412EK6 TRANSKO-TD412EK6 Datasheet
606Kb / 7P
CDMA450 Rx Balanced SAW Duplexer For 412.5 MHz / 422.5 MHz
Revision 0: July 2011
TD417CK6 TRANSKO-TD417CK6 Datasheet
531Kb / 7P
CDMA450 Rx Balanced SAW Duplexer For 417.75 MHz / 427.75 MHz
Revision 0: July 2011
TD453EK4 TRANSKO-TD453EK4 Datasheet
742Kb / 7P
CDMA450 Rx Balanced SAW Duplexer For 453.55 MHz / 463.55 MHz
Revision 0: May 2011
TD453EK6 TRANSKO-TD453EK6 Datasheet
658Kb / 7P
CDMA450 Rx Balanced SAW Duplexer For 453.55 MHz / 463.55 MHz
Revision 0: August 2011
TD454EK6 TRANSKO-TD454EK6 Datasheet
640Kb / 6P
CDMA450 Rx Balanced SAW Duplexer For 454.5 MHz / 464.5 MHz
Revision 0: September 2012
TD455EK4 TRANSKO-TD455EK4 Datasheet
663Kb / 7P
CDMA450 Rx Balanced SAW Duplexer For 455.0 MHz / 465.0 MHz
Revision 3: February 2011
TD455EK5 TRANSKO-TD455EK5 Datasheet
686Kb / 7P
CDMA450 Rx Balanced SAW Duplexer For 455.0 MHz / 465.0 MHz
Revision 0: January 2011
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com