| Zakładka z wyszukiwarką danych komponentów |
|
BD436 Arkusz danych(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BD436 Arkusz danych(HTML) 2 Page - STMicroelectronics |
|
2 / 4 page ![]() THERMAL DATA Rthj-case Rthj-amb Thermal Resistance Junction-case Max Thermal Resistance Junction-ambient Max 3.5 100 oC/W oC/W ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified) Symbol Parameter Test Conditions Min. Typ. Max. Unit ICBO Collector Cut-off Current (IE = 0) for BD433/434 VCB = 22 V for BD435/436 VCB = 32 V for BD437/438 VCB = 45 V 100 100 100 µA µA µA ICES Collector Cut-off Current (VBE = 0) for BD433/434 VCE = 22 V for BD435/436 VCE = 32 V for BD437/438 VCE = 45 V 100 100 100 µA µA µA IEBO Emitter Cut-off Current (IC = 0) VEB = 5 V 1 mA VCEO(sus) ∗ Collector-Emitter Sustaining Voltage (IB = 0) IC = 100 mA for BD433/434 for BD435/436 for BD437/438 22 32 45 V V V VCE(sat) ∗ Collector-Emitter Saturation Voltage IC = 2 A IB = 0.2 A for BD433/434 for BD435/436 for BD437/438 0.2 0.2 0.2 0.5 0.5 0.6 V V V VBE ∗ Base-Emitter Voltage IC = 10 mA VCE = 5 V IC = 2 A VCE = 1 V for BD433/434 for BD435/436 for BD437/438 0.58 1.1 1.1 1.2 V V V V hFE ∗ DC Current Gain IC = 10 mA VCE = 5 V for BD433/434 for BD435/436 for BD437/438 IC = 500 mA VCE = 1 V IC = 2 A VCE = 1 V for BD433/434 for BD435/436 for BD437/438 40 40 30 85 50 50 40 130 130 130 140 hFE1 /hFE2∗ Matched Pair IC = 500 mA VCE = 1 V 1.4 fT Transition frequency IC = 250 mA VCE = 1 V 3 MHz ∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 % BD433 BD434 BD435 BD436 BD437 BD438 2/4 |