Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MBR2080CT Arkusz danych(PDF) 2 Page - SMC Diode Solutions Co. LTD

Numer części MBR2080CT
Szczegółowy opis  MBR2080CT MBR2090CT MBR20100CT SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SMCDIODE [SMC Diode Solutions Co. LTD]
Strona internetowa  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

MBR2080CT Arkusz danych(HTML) 2 Page - SMC Diode Solutions Co. LTD

  MBR2080CT Datasheet HTML 1Page - SMC Diode Solutions Co. LTD MBR2080CT Datasheet HTML 2Page - SMC Diode Solutions Co. LTD MBR2080CT Datasheet HTML 3Page - SMC Diode Solutions Co. LTD MBR2080CT Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Data
Data Sheet N0623, Rev. B
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
MBR2080CT
MBR2090CT
MBR20100CT
0.0001
0.001
0.01
0.1
1
10
10
20
30
40
50
60
70
80
90
100
Pe rce nt of Rate d Pe ak Re ve rs e Voltage (%)
1
10
100
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
ForwardVoltage Drop(V)
Characteristics
Symbol
Condition
Specification
Units
Junction Temperature
TJ
-
-55 to +150
C
Storage Temperature
Tstg
-
-55 to +150
C
Typical Thermal Resistance Junction to
Case
RJC
DC operation
3.5
C/W
Approximate Weight
wt
-
2
g
Thermal-Mechanical Specifications:
Ratings and Characteristics Curves
Fig.2-Typical Reverse Characteristics
Fig.3-Typical Instantaneous Forward Voltage Characteristics
Fig.1-Typical Junction Capacitance
TJ=25℃
TJ=125℃
TJ=25℃
TJ=25℃
TJ=125℃



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com