Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BUW48 Arkusz danych(PDF) 2 Page - STMicroelectronics

Numer części BUW48
Szczegółowy opis  HIGH POWER NPN SILICON TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUW48 Arkusz danych(HTML) 2 Page - STMicroelectronics

  BUW48_03 Datasheet HTML 1Page - STMicroelectronics BUW48_03 Datasheet HTML 2Page - STMicroelectronics BUW48_03 Datasheet HTML 3Page - STMicroelectronics BUW48_03 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL DATA
Rthj-case
Thermal Resistance Junction-case
Max
1
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICEX
Collector Cut-off
Current (VBE = -1.5V
VCE = VCEX
VCE = VCEX
TC =125
oC
1
3
mA
mA
IEBO
Emitter Cut-off
Current (IC = 0)
VEB = 5 V
1
mA
VCEO(sus)
∗ Collector-Emitter
Sustaining Voltage
(IB = 0)
IC = 0.2A
L = 25 mH for BUW48
for BUW49
60
80
V
V
VEBO
Emitter-base
Voltage (IC = 0)
IE = 50 mA
7
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = 20A
IB = 2A
for BUW48
IC = 40A
IB = 4A
for BUW48
IC = 15A
IB = 1.5A
for BUW49
IC = 30A
IB = 3A
for BUW49
0.6
1.4
0.5
1.2
V
V
V
V
VBE(sat)
∗ Base-Emitter
Saturation Voltage
IC = 40A
IB = 4A
for BUW48
IC = 30A
IB = 3A
for BUW49
2.1
2
V
V
fT
Transition Frequency
IC = 1A
VCE = 15V
f = 15 MHz
8
MHz
RESISTIVE LOAD
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ton
ts
tf
Turn-on Time
Storage Time
Fall Time
for BUW48
VCC = 60V
IC = 40A
IB1 = -IB2 = 4A
1.2
0.6
0.17
1.5
1.1
0.25
µs
µs
µs
ts
tf
Storage Time
Fall Time
for BUW48
VCC = 60V
IC = 40A
IB1 = -IB2 = 4A
TC =100
oC
1.65
0.5
µs
µs
ton
ts
tf
Turn-on Time
Storage Time
Fall Time
for BUW49
VCC = 80V
IC = 30A
IB1 = -IB2 = 4A
0.8
0.6
0.15
1.2
1.1
0.25
µs
µs
µs
ts
tf
Storage Time
Fall Time
for BUW49
VCC = 80V
IC = 30A
IB1 = -IB2 = 4
TC =100
oC
1.65
0.5
µs
µs
∗ Pulsed: Pulse duration = 300 µs, duty cycle < 1.5 %
BUW48 BUW49
2/4



Html Pages

1 2 3 4