Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM706TM6F Arkusz danych(PDF) 11 Page - STMicroelectronics

Numer części STM706TM6F
Szczegółowy opis  3V Supervisor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM706TM6F Arkusz danych(HTML) 11 Page - STMicroelectronics

Back Button STM706TM6F Datasheet HTML 7Page - STMicroelectronics STM706TM6F Datasheet HTML 8Page - STMicroelectronics STM706TM6F Datasheet HTML 9Page - STMicroelectronics STM706TM6F Datasheet HTML 10Page - STMicroelectronics STM706TM6F Datasheet HTML 11Page - STMicroelectronics STM706TM6F Datasheet HTML 12Page - STMicroelectronics STM706TM6F Datasheet HTML 13Page - STMicroelectronics STM706TM6F Datasheet HTML 14Page - STMicroelectronics STM706TM6F Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
11/26
STM706T/S/R; STM706P; STM708T/S/R
Figure 14. VPFI Threshold vs. Temperature
Figure 15. Reset Comparator Propagation Delay vs. Temperature
Temperature (
°C)
AI09142b
1.225
1.230
1.235
1.240
1.245
1.250
1.255
1.260
1.265
1.270
–40
–20
0
20
40
60
80
100
120
VCC = 2.5V
VCC = 3.0V
VCC = 3.3V
VCC = 3.6V
Temperature (
°C)
AI09143b
10
12
14
16
18
20
22
24
26
28
30
–40
–20
0
20
40
60
80
100
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26