| Zakładka z wyszukiwarką danych komponentów |
|
LM339LVDR Arkusz danych(PDF) 25 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM339LVDR Arkusz danych(HTML) 25 Page - Texas Instruments |
|
25 / 63 page ![]() R1 VA = VREF VO High +VCC *R2 R2 VA = VREF VO Low +VIN1 R1 VIN2 * R2 = R2 + RPU Figure 8-6. Non-Inverting Configuration Resistor Networks When VIN is less than VREF,, the output is low. For the output to switch from low to high, VIN must rise above the VIN1 threshold. Use Equation 4 to calculate VIN1. V = R1 IN1 ´ VREF R2 + VREF (4) When VIN is greater than VREF, the output is high. For the comparator to switch back to a low state, VIN must drop below VIN2. Use Equation 5 to calculate VIN2. V = IN2 V REF CC (R1 + R2) V R1 - ´ R2 (5) The hysteresis of this circuit is the difference between VIN1 and VIN2, as shown in Equation 6. DV = V IN CC ´ R1 R2 (6) For more information, please see Application Notes SNOA997 "Inverting comparator with hysteresis circuit" and SBOA313 "Non-Inverting Comparator With Hysteresis Circuit". 8.2 Typical Applications 8.2.1 Window Comparator Window comparators are commonly used to detect undervoltage and overvoltage conditions. Figure 8-7 shows a simple window comparator circuit. Window comparators require open drain outputs if the outputs are directly connected together. + ± Micro- Controller + 3.3 V Sensor R1 10 0Ÿ RPU UV_OV ± Open Drain Output Only! VTH- VTH+ VIN Low when VIN < VTH- Open Drain Output Only! Output high when VIN is within window R3 10 0Ÿ R2 10 0Ÿ Low when VIN > VTH+ Figure 8-7. Window Comparator www.ti.com TL331LV, TL391LV, LM393LV, LM339LV SNOSDA4C – JUNE 2020 – REVISED MARCH 2023 Copyright © 2023 Texas Instruments Incorporated Submit Document Feedback 25 Product Folder Links: TL331LV TL391LV LM393LV LM339LV |