| Zakładka z wyszukiwarką danych komponentów |
|
VIPER100-22-E Arkusz danych(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VIPER100-22-E Arkusz danych(HTML) 5 Page - STMicroelectronics |
|
5 / 29 page ![]() VIPer100-E 1 Electrical Data 5/29 1.2 Electrical Characteristics TJ = 25°C; VDD = 13V, unless otherwise specified Table 2. Power Section (1) On Inductive Load, Clamped. Table 3. Supply Section Table 4. Oscillator Section Symbol Parameter Test Conditions Min Typ Max Unit BVDS Drain-Source Voltage ID = 1mA; VCOMP = 0V 620 V IDSS Off-State Drain Current VCOMP = 0V; Tj = 125°C VDS = 620V 1mA RDS(on) Static Drain-Source On Resistance ID = 2A ID = 2A; Tj = 100°C 2.3 2.5 4.5 Ω tf Fall Time ID = 0.2A; VIN =300V (1)Figure 7 100 ns tr Rise Time ID = 0.4A; VIN = 300V (1)Figure 7 50 ns Coss Output Capacitance VDS = 25V 150 pF Symbol Parameter Test Conditions Min Typ Max Unit IDDch Start-Up Charging Current VDD = 5V; VDS = 35V (see Figure 6)(see Figure 11) -2 mA IDD0 Operating Supply Current VDD = 12V; FSW = 0kHz (see Figure 6) 12 16 mA IDD1 Operating Supply Current VDD = 12V; Fsw = 100kHz 15.5 mA VDD = 12V; Fsw = 200kHz 19 mA VDDoff Undervoltage Shutdown (see Figure 6) 7.5 8 9 V VDDon Undervoltage Reset (see Figure 6) 11 12 V VDDhyst Hysteresis Start-up (see Figure 6) 2.4 3 V Symbol Parameter Test Conditions‘ Min Typ Max Unit FSW Oscillator Frequency Total Variation RT=8.2KΩ; CT=2.4nF VDD=9 to 15V; with RT± 1%; CT± 5% (see Figure 10)(see Figure 14) 90 100 110 KHz VOSCIH Oscillator Peak Voltage 7.1 V VOSCIL Oscillator Valley Voltage 3.7 V |