| Zakładka z wyszukiwarką danych komponentów |
|
ES9027SPRO Arkusz danych(PDF) 31 Page - ESS Technology,Inc |
|
|
|||||||||||||||||||||||||||||
ES9027SPRO Arkusz danych(HTML) 31 Page - ESS Technology,Inc |
|
31 / 89 page ![]() ES9027PRO Datasheet VERSION 0.4.1 31 ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM Power Consumption Power numbers are given when the device is in slave mode. Test Condition 0 Standby Standby (CHIP_EN = 0) AVCC <1 uA AVDD <1 uA VCCA < 1 uA Test Condition 1 (unless otherwise noted) TA = 25oC, AVCC_R = AVCC_L = VCCA = AVDD = +3.3V, DVDD= +1.2V, fs = 48kHz, DAC enabled, 1kHz sine full scale Parameter Min Typ Max Unit H ardware Mode: 3 (MCLK = 49.152MHz) MCLK/1 AVCC_R 22.1 mA AVCC_L 22.1 mA VCCA 1.2 mA AVDD 2.1 mA DVDD 32.0 mA Power Consumption 197 mW H ardware Mode: 0 (MCLK = 6.144MHz) MCLK/1 AVCC_R 13.6 mA AVCC_L 13.6 mA VCCA 0.2 mA AVDD 2.1 mA DVDD 10.3 mA Power Consumption 110 mW H ardware Mode: 19 (MCLK = 50MHz) Auto Clock Gear AVCC_R 14.9 mA AVCC_L 14.9 mA VCCA 0.5 mA AVDD 0.3 mA DVDD 17.9 mA Power Consumption 123 mW Table 10 – Power consumption with test conditions 1 |