| Zakładka z wyszukiwarką danych komponentów |
|
ES9280ACPRO Arkusz danych(PDF) 3 Page - ESS Technology,Inc |
|
|
|||||||||||||||||||||||||||||
ES9280ACPRO Arkusz danych(HTML) 3 Page - ESS Technology,Inc |
|
3 / 4 page ![]() ES9281A/80A PRO Product Brief 0.2.5 April 15, 2021 ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643- 8800 • WWW.ESSTECH.COM Functional Block Diagram PLL I2C MASTER Low Noise Reg CLOCK NETWORK POWER MANAGEMENT & CONTROL HP AMP + - 100 100 R HP AMP + - 100 100 R DIGITAL CORE XI XO SDAM SCLM RESETB DCLK (BCK) DATA1 (WS) DATA2 (SD) GPIO1*-14 DGND DVDD AVDD AVCC_DAC VREF VCCA AGND PNEG PNEG_VC OUT_L INB_L GSN_L IN_L INB_R OUT_R IN_R ADC_R GSN_R AVCC_33 AVCC_18 HyperStream® II QUAD DAC HyperStream® II QUAD DAC CHARGE PUMP CLASS G 1.8/3.3V C1 C2 C1_VC C2_VC Jack/Button Detection • Plug In & Out • Impedance Detection • Buttons • Moisture protection ADC_L JDET1 JDET2 MIC LDO S/E ADC (LEFT) DIFF. MIC ADC AMIC_P AMIC_N PRE-AMP Differen tial BANDGAP CLK DETECT / POR DIGITAL AUDIO PORT (I2S, DSD, DoP, SPDIF, MQA) RT1 INT SMART CONTROLLER Bootload Interface/SPI 0dB-30dB, 6 dB Steps 0dB-30dB, 6dB Steps 1Vrms Input ASP PB ZREF AGND AGND MBIAS I2C SLAVE SDAS SCLS ACLK2 ACLK1 ADDR R R PRE-AMP PRE-AMP S/E ADC (RIGHT) DVDD LDO VDDA VUSB USB PHY D+ D- VBUS Figure 2 – ES9281A/80A PRO Block Diagram *Note: SCLK/GPIO1 is usable as a GPIO when USB port is not used. |