| Zakładka z wyszukiwarką danych komponentów |
|
NJ88C50/MA/NP Arkusz danych(PDF) 13 Page - Zarlink Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
NJ88C50/MA/NP Arkusz danych(HTML) 13 Page - Zarlink Semiconductor Inc |
|
13 / 17 page ![]() 13 NJ88C50 NJ88C50 SP8715 Fig.8 shows a typical application, using the NJ88C50 to generate both VHF and UHF signals. External components are kept to a minimum, requiring only bias, loop filter and decoupling components. In many applications the UHF VCO is a pre-assembled and tested module to suit the end equip- ment use, whereas the VHF design is likely to be discrete. The circuit shown is suitable for operation up to 1.1GHz and uses a low power prescaler, the SP8715, feeding the NJ88C50 in single ended mode. This requires a biasing network around the differential input of the NJ88C50 to be used (pins 2 and 3). Power supply and ground rails must have adequate decoupling otherwise overall performance may be impaired. |