Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RS1A Arkusz danych(PDF) 3 Page - SMC Diode Solutions Co. LTD

Numer części RS1A
Szczegółowy opis  RS1A-RS1M SURFACE MOUNT SUPER FAST RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SMCDIODE [SMC Diode Solutions Co. LTD]
Strona internetowa  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

RS1A Arkusz danych(HTML) 3 Page - SMC Diode Solutions Co. LTD

  RS1A Datasheet HTML 1Page - SMC Diode Solutions Co. LTD RS1A Datasheet HTML 2Page - SMC Diode Solutions Co. LTD RS1A Datasheet HTML 3Page - SMC Diode Solutions Co. LTD RS1A Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Technical Data
Data Sheet N0988, Rev. B
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
RS1A-RS1M
For information on tape and reel specifications, including part
orientation and tape sizes, please refer to our tape and reel
packaging specification.
Mechanical Dimensions SMA
SYMBOL
Millimeters
Inches
Min.
Max.
Min.
Max.
A
2.40
2.84
0.094
0.112
B
3.99
4.75
0.157
0.187
C
1.05
1.70
0.041
0.067
D
0.15
0.51
0.006
0.020
E
4.80
5.66
0.189
0.223
F
1.90
2.95
0.075
0.116
G
0.05
0.203
0.002
0.008
H
0.76
1.52
0.030
0.600
Ordering Information
Marking Diagram
Device
Package
Shipping
RS1A-RS1M
SMA
(Pb-Free)
5000pcs / reel
Carrier Tape Specification SMA
SYMBOL
Millimeters
Min.
Max.
A
2.97
3.17
B
5.70
5.90
C
2.32
2.52
d
1.40
1.60
E
1.40
1.60
F
5.60
5.70
P
3.90
4.10
P0
3.90
4.10
P1
1.90
2.10
T
0.25
0.35
W
11.80
12.20
Where XXXXX is YYWWL
RS1A
= Type Number
YY
= Year
WW
= Week
L
= Lot Number
Cautions:Molding resin
Epoxy resin UL:94V-0



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com