Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RS3A Arkusz danych(PDF) 1 Page - SMC Diode Solutions Co. LTD

Numer części RS3A
Szczegółowy opis  RS3A-RS3M SURFACE MOUNT SUPER FAST RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SMCDIODE [SMC Diode Solutions Co. LTD]
Strona internetowa  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

RS3A Arkusz danych(HTML) 1 Page - SMC Diode Solutions Co. LTD

  RS3A Datasheet HTML 1Page - SMC Diode Solutions Co. LTD RS3A Datasheet HTML 2Page - SMC Diode Solutions Co. LTD RS3A Datasheet HTML 3Page - SMC Diode Solutions Co. LTD RS3A Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Data Sheet N1813, Rev.A
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
RS3A-RS3M
RS3A-RS3M SURFACE
MOUNT SUPER FAST RECTIFIER
Note: 1. Measured with IF=0.5A, IR=1.0A, Irr=0.25A,
2. Measured at 1.0 MHZ and applied reverse voltage of 4.0 VDC
3. Thermal resistance from Junction to ambient and from junction to lead mounted on PCB with 0.3×0.3” (8.0 × 8.0mm) copper
pad areas
Features
Circuit Diagram
Mechanical Data
Maximum Ratings and Electrical Characteristics @TA=25°C unless otherwise specified
Type Number
Symbol
RS3A RS3B RS3D RS3G RS3J RS3K RS3M Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VDC
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VRMS
35
70
140
280
420
560
700
V
Average forward rectified output current
@TL= 100°C
IO
3.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
100
A
Forward Voltage
@IF =3.0A
VF
1.3
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage @TA = 125°C
IRM
10
250
µA
Maximum Reverse Recovery Time (Note 1)
Trr
150
250
500
ns
Typical Junction Capacitance (Note 2)
CJ
60
pF
Typical Thermal Resistance Junction to Ambient
(Note 3)
RθJA
RθJL
50
15
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Case: SMC molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Solder plated, solderable per MIL-STD-202E
method208C
Polarity: Color band denotes cathode end
Weight: 0.21 grams
Glass Passivated chip junction
Built-in strain relief
Fast switching speed for high efficiency
High temperature soldering guaranteed: 250℃/10
second at terminals
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
SMC


Podobny numer części - RS3A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shanghai Sunrise Electr...
RS3A SSE-RS3A Datasheet
17Kb / 1P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Diodes Incorporated
RS3A DIODES-RS3A Datasheet
46Kb / 2P
3.0A SURFACE MOUNT SUPER-FAST RECOVERY RECTIFIER
DS15005 Rev. E-2
logo
Fuji Electric
RS3A FUJI-RS3A Datasheet
718Kb / 1P
3 AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
logo
General Semiconductor
RS3A GE-RS3A Datasheet
75Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Diodes Incorporated
RS3A DIODES-RS3A Datasheet
400Kb / 3P
3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15005 Rev. 8 - 2
More results

Podobny opis - RS3A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diotech Company.
ES2A DIOTECH-ES2A Datasheet
855Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
ES3A DIOTECH-ES3A Datasheet
882Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Formosa MS
ES3A FORMOSA-ES3A Datasheet
118Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Sangdest Microelectroni...
ER2A SMC-ER2A Datasheet
157Kb / 4P
SURFACE MOUNT SUPER FAST RECTIFIER
ER5A SMC-ER5A Datasheet
160Kb / 4P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Unisonic Technologies
ES1D UTC-ES1D Datasheet
117Kb / 3P
SURFACE MOUNT SUPER FAST RECTIFIER
ES2D UTC-ES2D Datasheet
117Kb / 3P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Microdiode Semiconducto...
ER07A CHENDA-ER07A Datasheet
588Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com