Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L3380-25-AF5-R Arkusz danych(PDF) 2 Page - Unisonic Technologies

Numer części L3380-25-AF5-R
Szczegółowy opis  PWM STEP UP DC-DC CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UTC [Unisonic Technologies]
Strona internetowa  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L3380-25-AF5-R Arkusz danych(HTML) 2 Page - Unisonic Technologies

  L3380-25-AF5-R Datasheet HTML 1Page - Unisonic Technologies L3380-25-AF5-R Datasheet HTML 2Page - Unisonic Technologies L3380-25-AF5-R Datasheet HTML 3Page - Unisonic Technologies L3380-25-AF5-R Datasheet HTML 4Page - Unisonic Technologies L3380-25-AF5-R Datasheet HTML 5Page - Unisonic Technologies L3380-25-AF5-R Datasheet HTML 6Page - Unisonic Technologies L3380-25-AF5-R Datasheet HTML 7Page - Unisonic Technologies L3380-25-AF5-R Datasheet HTML 8Page - Unisonic Technologies L3380-25-AF5-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
L3380
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 9
www.unisonic.com.tw
QW-R502-099,A
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
SOT-25
18:1.8V
21:2.1V
25:2.5V
27:2.7V
30:3.0V
33:3.3V
40:4.0V
50:5.0V
5
4
3
Voltage Code
21
H 0
Lead Plating
PIN DESCRIPTION
PIN
NAME
FUNCTION
1
SHUTDOWN
Shutdown control input, “H” : normal operation
“L” : stop step up( whole circuit stop).
2
VOUT
Power supply and voltage output.
3
NC
No connection.
4
VSS
Ground.
5
EXT
Switching the circuit by connecting to a transistor.



Html Pages

1 2 3 4 5 6 7 8 9