| Zakładka z wyszukiwarką danych komponentów |
|
LR1118-50-AB3-D-R Arkusz danych(PDF) 4 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
LR1118-50-AB3-D-R Arkusz danych(HTML) 4 Page - Unisonic Technologies |
|
4 / 6 page ![]() LR1118 LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 4 of 6 www.unisonic.com.tw QW-R102-029,A ABSOLUTE MAXIMUM RATINGS PARAMETER SYMBOL RATINGS UNIT DC Input Voltage VIN 15 V Operating Junction Temperature TOPR 0 ~ +125 °C Storage Temperature TSTG -40 ~ +150 °C Note: 1. The device may be damaged while beyond Absolute Maximum Rating. 2. The device is guaranteed to meet performance specifications within 0 °C~+70°C operation temperature range, and is assured by design from 0 °C~+125°C. ELECTRICAL CHARACTERISTICS (Ta=25 °C, refer to the test circuits, TJ=-0~125°C, CO=10µF, unless otherwise specified.) For LR1118-1.8V PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT 1% 1.782 1.8 1.818 Output Voltage VOUT VIN=VOUT+1.5V, IOUT=10mA, TJ=25°C 2% 1.764 1.836 V Output Voltage VOUT VIN =(VOUT+2V)~15V, IOUT=0 to 1A 1.764 1.8 1.836 V Line Regulation ∆VOUT VIN =(VOUT+2V)~15V, IOUT=0A 0.1 0.6 % Load Regulation ∆VOUT VIN =VOUT+2V, IOUT=0 to 1A 2 3 % Temperature Stability ∆VOUT 0.5 % Long Term Stability ∆VOUT 1000 hrs, TJ=125°C 0.3 % Operating Input Voltage VIN IOUT=100mA 15 V Quiescent Current ID VIN≤10V 5 10 mA Output Current IOUT VIN=VOUT+4.5V, TJ=25°C 800 950 1200 mA Output Noise Voltage eN B=10Hz~10KHz, TJ=25°C 100 µV Supply Voltage Rejection SVR IOUT=40mA, f=120Hz, TJ=25°C VIN=VOUT+2.5V, VRIPPLE=1Vpp 60 75 dB Dropout Voltage VD IOUT= 100mA IOUT= 1A 0.32 0.65 0.48 0.88 V V Thermal Regulation Ta=25 °C, 30ms Pulse 0.01 0.10 %/W For LR1118-2.5V PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT 1% 2.475 2.5 2.525 Output Voltage VOUT VIN=VOUT+1.5V, IOUT=10mA, TJ=25°C 2% 2.450 2.550 V Output Voltage VOUT VIN =(VOUT+2V)~15V, IOUT=0 to 1A 2.45 2.5 2.55 V Line Regulation ∆VOUT VIN =(VOUT+2V)~15V, IOUT=0A 0.1 0.6 % Load Regulation ∆VOUT VIN =VOUT+2V, IOUT=0 to 1A 2 3 % Temperature Stability ∆VOUT 0.5 % Long Term Stability ∆VOUT 1000 hrs, TJ=125°C 0.3 % Operating Input Voltage VIN IOUT=100mA 15 V Quiescent Current ID VIN≤10V 5 10 mA Output Current IOUT VIN=VOUT+4.5V, TJ=25°C 800 950 1200 mA Output Noise Voltage eN B=10Hz~10KHz, TJ=25°C 100 µV Supply Voltage Rejection SVR IOUT=40mA, f=120Hz, TJ=25°C VIN=VOUT+2.5V, VRIPPLE=1Vpp 60 75 dB Dropout Voltage VD IOUT= 100mA IOUT= 1A 0.16 0.56 0.25 0.7 V V Thermal Regulation Ta=25 °C, 30ms Pulse 0.01 0.10 %/W |