| Zakładka z wyszukiwarką danych komponentów |
|
ZD2.5L-AE3-R Arkusz danych(PDF) 2 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
ZD2.5L-AE3-R Arkusz danych(HTML) 2 Page - Unisonic Technologies |
|
2 / 3 page ![]() ZD2.4 THRU ZD36 ZENER DIODE UNISONICTECHNOLOGIESCO.,LTD 2 of 3 www.unisonic.com.tw QW-R601-006,A ABSOLUTE MAXIMUM RATING (Ta=25°C , unless otherwise specified) PARAMETER SYMBOL RATINGS UNIT 225 mW Total Power Dissipation (Ta=25℃) Derating above 25℃ PD 1.8 mW/℃ Thermal Resistance Junction-Ambient θJA 417 ℃ /W Junction Temperature TJ +150 ℃ Storage Temperature TSTG -40 ~ +150 ℃ Note Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified) (VF = 0.9V Max @ IF = 10mA for all types.) Test Current Zener Voltage ZZK (Ω) ZZT(Ω) IR (µA) Device Marking Code IZT(mA) VZ (V) Max IZ(mA) Max IZ(mA) Max @VR (V) ZD2.4 2.4 5 2.4±2.5% 2000 1.0 100 5 20.0 1.0 ZD2.5 2.5 5 2.5±2.5% 2000 1.0 100 5 20.0 1.0 ZD3.3 3.3 5 3.3±2.5% 1000 1.0 100 5 10.0 1.0 ZD3.9 3.9 5 3.9±2.5% 1000 1.0 100 5 5.0 1.0 ZD4.3 4.3 5 4.3±2.5% 1000 1.0 100 5 5.0 1.0 ZD4.7 4.7 5 4.7±2.5% 800 0.5 100 5 2.0 1.0 ZD5.1 5.1 5 5.1±2.5% 500 0.5 80 5 2.0 1.5 ZD5.6 5.6 5 5.6±2.5% 200 0.5 60 5 1.0 2.5 ZD6.0 6.0 5 6.0±2.5% 100 0.5 60 5 1.0 2.5 ZD6.2 6.2 5 6.2±2.5% 100 0.5 60 5 1.0 3.0 ZD6.8 6.8 5 6.8±2.5% 60 0.5 40 5 0.5 3.5 ZD7.5 7.5 5 7.5±2.5% 60 0.5 30 5 0.5 4.0 ZD8.2 8.2 5 8.2±2.5% 60 0.5 30 5 0.5 5.0 ZD9.1 9.1 5 9.1±2.5% 60 0.5 30 5 0.5 6.0 ZD10 10 5 10±2.5% 60 0.5 30 5 0.1 7.0 ZD11 11 5 11±2.5% 60 0.5 30 5 0.1 8.0 ZD12 12 5 12±2.5% 80 0.5 30 5 0.1 9.0 ZD13 13 5 13±2.5% 80 0.5 37 5 0.1 10.0 ZD15 15 5 15±2.5% 80 0.5 42 5 0.1 11.0 ZD16 16 5 16±2.5% 80 0.5 50 5 0.1 12.0 ZD18 18 5 18±2.5% 80 0.5 65 5 0.1 13.0 ZD20 20 5 20±2.5% 100 0.5 85 5 0.1 15.0 ZD22 22 5 22±2.5% 100 0.5 100 5 0.1 17.0 ZD24 24 5 24±2.5% 120 0.5 120 5 0.1 19.0 ZD25 25 5 25±2.5% 130 0.5 130 5 0.1 19.0 ZD27 27 5 27±2.5% 150 0.5 150 5 0.1 21.0 ZD30 30 5 30±2.5% 200 0.5 200 5 0.1 23.0 ZD33 33 5 33±2.5% 250 0.5 250 5 0.1 25.0 ZD36 36 5 36±2.5% 300 0.5 300 5 0.1 27.0 |