| Zakładka z wyszukiwarką danych komponentów |
|
SIM800 Arkusz danych(PDF) 108 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Arkusz danych(HTML) 108 Page - SIMCom |
|
108 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 108 2015-08-03 Parameter Saving Mode NO_SAVE Max Response Time - Reference 3GPP TS 27.007 [13] Note 3GPP TS 27.007 specifies 30 seconds, so SIMCom deviates from the specification. 3.2.52 AT+CBC Battery Charge AT+CBC Battery Charge Response +CBC: (list of supported <bcs>s),(list of supported <bcl>s),(<voltage>) OK Test Command AT+CBC=? Parameters See Execution Command Response +CBC: <bcs>, <bcl>,<voltage> OK If error is related to ME functionality: +CME ERROR: <err> Execution Command AT+CBC Parameters <bcs> Charge status 0 ME is not charging 1 ME is charging 2 Charging has finished <bcl> Battery connection level 1...100 battery has 1-100 percent of capacity remaining vent <voltage> Battery voltage(mV) Parameter Saving Mode NO_SAVE Max Response Time - Reference 3GPP TS 27.007 [13] Note This command depends on hardware and only be used when battery is charging. 3.2.53 AT+CUSD Unstructured Supplementary Service Data AT+CUSD Unstructured Supplementary Service Data |