| Zakładka z wyszukiwarką danych komponentów |
|
SIM800 Arkusz danych(PDF) 181 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Arkusz danych(HTML) 181 Page - SIMCom |
|
181 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 181 2015-08-03 Response OK ERROR Write Command AT+CEMNL=< mode>[,<amount >,<emergency numbers>] Parameter <mode> 0 Disable 1 Enable <amount> Amount of emergency number to be set. Up to 11 emergency numbers supported <emergency numbers> Emergency numbers to be set by user which range is 0-999 Parameter Saving Mode AUTO_SAVE Max Response Time - Reference Note 6.2.47 AT*CELLLOCK Set the List of ARFCN Which Needs to Be Locked AT*CELLLOCK Set the List of ARFCN Which Needs to Be Locked Response *CELLLOCK: (list of supported <mode>s)[,(list of supported <amount>s),(list of supported <locked arfcn list>s)[, (list of supported <locked arfcn list>s)[, (list of supported <locked arfcn list>s)]]] OK Test Command AT*CELLLOC K=? Parameter See Write Command Response *CELLLOCK: <mode>[,<amount>,<locked arfcn list>[,<locked arfcn list>…]] OK Read Command AT*CELLLOC K? Parameter See Write Command Response OK ERROR Write Command AT*CELLLOC K=<mode>[,<am ount>,<locked arfcn list>[,<locked arfcn list>…]] Parameter <mode> 0 Disable 1 Enable <amout> |