| Zakładka z wyszukiwarką danych komponentów |
|
SIM800 Arkusz danych(PDF) 195 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Arkusz danych(HTML) 195 Page - SIMCom |
|
195 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 195 2015-08-03 Response OK ERROR Write Command AT+SD2PCM=< mode> Parameters <mode> 0 SD card interface is valid 1 PCM interface is valid Parameter Saving Mode AT&W_SAVE Max Response Time - Reference Note: If user set <mode> from 1 to 0, user should execute at&w command to save this setting, and then reboot the module by AT command or pwrkey. Part of the projects supported by this AT command, please refer to chapter 21 for details. 6.2.64 AT+SKPD Keypad Detecting Function AT+SKPD Keypad Detecting Function Response +SKPD: (0-1) OK Test Command AT+SKPD=? Parameters See Write Command Response +SKPD: <mode> OK Read Command AT+SKPD? Parameters See Write Command Write Command AT+SKPD=<mo de> Response OK ERROR If key has pressed or released, The URC report is: +SKPD: <value>,<event> |