| Zakładka z wyszukiwarką danych komponentów |
|
SIM800 Arkusz danych(PDF) 236 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Arkusz danych(HTML) 236 Page - SIMCom |
|
236 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 236 2015-08-03 OK ERROR AT+CIPSPRT=< send prompt> Parameters <send prompt> A numeric parameter which indicates whether to echo prompt ‘>’ after module issues AT+CIPSEND command. 0 It shows "send ok" but does not prompt echo ‘>’ when sending is successful. 1 It prompts echo ‘>’ and shows "send ok" when sending is successful. 2 It neither prompts echo ‘>’ nor shows "send ok" when sending is successful. Parameter Saving Mode NO_SAVE Max Response Time - Reference Note 8.2.18 AT+CIPSERVER Configure Module as Server AT+CIPSERVER Configure Module as Server Response +CIPSERVER: (0-CLOSE SERVER, 1-OPEN SERVER),(1-65535) OK Test Command AT+CIPSERVE R=? Parameters See Write Command Response +CIPSERVER: <mode>[,<port>,<channel id>,<bearer>] OK Read Command AT+CIPSERVE R? Parameters See Write Command Response OK ERROR Write Command AT+CIPSERVE R=<mode>[,<por t>] Parameters <mode> 0 Close server 1 Open server <port> 1..65535 Listening port <channel id> Channel id <bearer> GPRS bearer Parameter Saving NO_SAVE |