| Zakładka z wyszukiwarką danych komponentów |
|
USB5807C/KD Arkusz danych(PDF) 1 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB5807C/KD Arkusz danych(HTML) 1 Page - Microchip Technology |
|
1 / 56 page ![]() 2019 - 2021 Microchip Technology Inc. DS00003182B-page 1 USB5807C Highlights • USB Hub with 7 USB 3.1 Gen 1 / USB 2.0 down- stream ports • USB-IF Battery Charger revision 1.2 support on up & downstream ports (DCP, CDP, SDP) • FlexConnect: Downstream port able to swap with upstream port, allowing master capable devices to control other devices on the hub • USB Link Power Management (LPM) support • Enhanced OEM configuration options available through either OTP or SPI ROM • (TID 1595) USB-IF certified, supporting latest Engineering Change Notices for compliance with USB-IF logo testing for new USB Type-C® industry initiative (Revision C or newer only) - Header Packet Timer (TD7.9, TD7.11, TD7.26) - Power Management Timer (TD7.18, TD7.20, TD7.23) - Unacknowledged Connect and Remote Wake Test Failure (TD10.25) • Available in 100-pin (12mm x 12mm) VQFN RoHS compliant package • Commercial and industrial grade temperature support Target Applications • Standalone USB Hubs • Laptop Docks • PC Motherboards • PC Monitor Docks • Multi-function USB 3.2 Gen 1 Peripherals Key Benefits • USB 3.2 Gen 1 compliant 5 Gbps, 480 Mbps, 12 Mbps, and 1.5Mbps operation - 5V tolerant USB 2.0 pins - 1.32V tolerant USB 3.2 Gen 1 pins - Integrated termination and pull-up/down resistors • Supports battery charging of most popular battery powered devices on all ports - USB-IF Battery Charging rev. 1.2 support (DCP, CDP, SDP) - Apple® portable product charger emulation - Chinese YD/T 1591-2006 charger emulation - Chinese YD/T 1591-2009 charger emulation - European Union universal mobile charger support - Support for Microchip UCS100x family of battery charging controllers - Supports additional portable devices • Smart port controller operation - Firmware handling of companion port power controllers • On-chip microcontroller - manages I/Os, VBUS, and other signals • 8 KB RAM, 64 KB ROM • 8 KB One-Time-Programmable (OTP) ROM - Includes on-chip charge pump • Configuration programming via OTP ROM, SPI ROM, or SMBus • FlexConnect - Reversible upstream and downstream Port 1 roles on command • PortSwap - Configurable USB 2.0 differential pair signal swap • PHYBoostTM - Programmable USB transceiver drive strength for recovering signal integrity - USB 2.0 Hi-Speed disconnect threshold adjust (Revision C or newer only) • VariSenseTM - Programmable USB receive sensitivity • Port Split - USB2.0 and USB3.1 Gen1 port operation can be split for custom applications using embedded USB3.x devices in parallel with USB2.0 devices. • Compatible with Microsoft Windows 10, 8, 7, XP, Apple OS X 10.4+, and Linux hub drivers • Optimized for low-power operation and low ther- mal dissipation • Package - 100-pin VQFN (12mm x 12mm) 7-Port USB 3.2 Gen 1 SmartHubTM IC |
Podobny numer części - USB5807C/KD |
|
Podobny opis - USB5807C/KD |