Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

JAZ-15S-90-3 Arkusz danych(PDF) 7 Page - JST Mfg. Co., Ltd.

Numer części JAZ-15S-90-3
Szczegółowy opis  Solder pot plug and socket DSUBMINIATURE CONNECTOR J SERIES
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JST [JST Mfg. Co., Ltd.]
Strona internetowa  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

JAZ-15S-90-3 Arkusz danych(HTML) 7 Page - JST Mfg. Co., Ltd.

Back Button JAZ-15S-90-3 Datasheet HTML 3Page - JST Mfg. Co., Ltd. JAZ-15S-90-3 Datasheet HTML 4Page - JST Mfg. Co., Ltd. JAZ-15S-90-3 Datasheet HTML 5Page - JST Mfg. Co., Ltd. JAZ-15S-90-3 Datasheet HTML 6Page - JST Mfg. Co., Ltd. JAZ-15S-90-3 Datasheet HTML 7Page - JST Mfg. Co., Ltd. JAZ-15S-90-3 Datasheet HTML 8Page - JST Mfg. Co., Ltd. JAZ-15S-90-3 Datasheet HTML 9Page - JST Mfg. Co., Ltd. JAZ-15S-90-3 Datasheet HTML 10Page - JST Mfg. Co., Ltd. JAZ-15S-90-3 Datasheet HTML 11Page - JST Mfg. Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
D SUBMINIATURE CONNECTOR J SERIES
Type A
Type B
Right angle through-hole socket
0A
1A
2A
3A
̶
Circuits
Model No.
Gold-plated socket
Tin-plated socket
A
B
Dimensions (mm)
9
15
25
37
JEY-9S-1A**
JAY-15S-1A**
JBY-25S-1A**
JCY-37S-1A**
JEY-9S-1A**90
JAY-15S-1A**90
JBY-25S-1A**90
JCY-37S-1A**90
16.34
24.67
38.38
54.84
24.99
33.32
47.04
63.50
Qty/
box
CD
E
30.80
39.14
53.00
69.32
8.1
8.1
8.2
8.2
9.52
9.52
9.62
9.62
100
100
50
50
*1
Without grounding adapters
*2
With grounding adapters
with a 3.2 mm dia. hole
*3
With grounding adapters
with an M3 thread
*4
With grounding adapters
with a spring lock device (1)
*5
With grounding adapters
with a spring lock device (2)
H: Height of the lock screw block (for Types A, B & C)
<Gold-plated product> RoHS2 compliance This product displays (LF)(SN) on a label.
<Tin-plated product> *1, 2, 3 ... RoHS2 compliance
<Tin-plated product> *4, 5 ... RoHS2 compliance This product displays (LF) on a label.
Note: 1. ** shows the location where a two-digit code (see the table below for codes) should be entered.
For example, if a 9-circuit gold-plated (flash) socket with hexagonal lock screw blocks having
a No.4-40UNC inch thread and without grounding adapters is required, specify the model number as
JEY-9S-1A0A.
2. lt may be out of production depending on a combination.
With hexagonal
lock screw
blocks (H: 6.3 mm)
having a
No.4-40UNC
inch thread
With hexagonal
lock screw
blocks (H: 6.3 mm)
having an
M2.6 thread
0B
1B
2B
3B
̶
No.4-40UNC
M2.6
(18.8)
6.18
A
B
C
0.76
E
0.6
D
2.84
H
10°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com