| Zakładka z wyszukiwarką danych komponentów |
|
SMD2SWLF.0208OZ Arkusz danych(PDF) 3 Page - Chip Quik Inc. |
|
|
|||||||||||||||||||||||||||||
SMD2SWLF.0208OZ Arkusz danych(HTML) 3 Page - Chip Quik Inc. |
|
3 / 3 page ![]() ChipQuik® Solder Wire Orderable Part Numbers: Continued from previous page Flux Core Alloy Melting Point Diameter Size Orderable Part Number No-Clean Water- Washable Synthetic Flux Core 2.2% (Except .006" and .008" diameter wire which are 1.2%) Sn96.5/Ag3.0/Cu0.5 217-220°C (423-428°F) .006" (0.15mm) 50g (1.8oz) SMDSWLF.006 50g .008" (0.20mm) 50g (1.8oz) SMDSWLF.008 50g .015" (0.38mm) 0.3 oz SMDSWLF.015 .3OZ 1 oz SMDSWLF.015 1OZ 2 oz SMDSWLF.015 2OZ 4 oz SMDSWLF.015 4OZ 1/2 lb SMDSWLF.015 8OZ 1 lb SMDSWLF.015 1LB .020" (0.5mm) 0.4 oz SMDSWLF.020 .4OZ 1 oz SMDSWLF.020 1OZ 2 oz SMDSWLF.020 2OZ 4 oz SMDSWLF.020 4OZ 1/2 lb SMDSWLF.020 8OZ 1 lb SMDSWLF.020 1LB .031" (0.8mm) 0.7 oz SMDSWLF.031 .7OZ 1 oz SMDSWLF.031 1OZ 2 oz SMDSWLF.031 2OZ 4 oz SMDSWLF.031 4OZ 1/2 lb SMDSWLF.031 8OZ 1 lb SMDSWLF.031 1LB Sn99.3/Cu0.7 227°C (441°F) .012" (0.3mm) 100g (3.5oz) SMD2SWLF.012 100g .015" (0.38mm) 0.3 oz SMD2SWLF.015 .3OZ 1 oz SMD2SWLF.015 1OZ 2 oz SMD2SWLF.015 2OZ 4 oz SMD2SWLF.015 4OZ 1/2 lb SMD2SWLF.015 8OZ 1 lb SMD2SWLF.015 1LB .020" (0.5mm) 0.4 oz SMD2SWLF.020 .4OZ 1 oz SMD2SWLF.020 1OZ 2 oz SMD2SWLF.020 2OZ 4 oz SMD2SWLF.020 4OZ 1/2 lb SMD2SWLF.020 8OZ 1 lb SMD2SWLF.020 1LB .031" (0.8mm) 0.7 oz SMD2SWLF.031 .7OZ 1 oz SMD2SWLF.031 1OZ 2 oz SMD2SWLF.031 2OZ 4 oz SMD2SWLF.031 4OZ 1/2 lb SMD2SWLF.031 8OZ 1 lb SMD2SWLF.031 1LB Solid Wire (No Flux) Sn42/Bi57/Ag1 138°C (281°F) .030" (0.762mm) 32 feet SMDSWLTLFP32 In100 157°C (315°F) .031" (0.8mm) 10 feet SMDIN100 In52/Sn48 118°C (244°F) .031" (0.8mm) 10 feet SMDIN52SN48 In97/Ag3 143°C (289°F) .031" (0.8mm) 10 feet SMDIN97AG3 3 © 1994-2022 Chip Quik® Inc. |