Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

WM8772 Arkusz danych(PDF) 17 Page - Wolfson Microelectronics plc

Numer części WM8772
Szczegółowy opis  24-bit, 192kHz 6-Channel Codec with Volume Control
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WOLFSON [Wolfson Microelectronics plc]
Strona internetowa  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8772 Arkusz danych(HTML) 17 Page - Wolfson Microelectronics plc

Back Button WM8772_05 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8772_05 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8772_05 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8772_05 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8772_05 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8772_05 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8772_05 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8772_05 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8772_05 Datasheet HTML 21Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 73 page
background image
Production Data
WM8772EDS – 28 LEAD SSOP
w
PD Rev 4.2 October 2005
17
BCLK
(Output)
DOUT
LRC
(Output)
t
DL
DIN1/2/3
t
DDA
t
DHT
t
DST
Figure 15 Digital Audio Data Timing – Master Mode
Test Conditions
AVDD, VREFP = 5V, DVDD = 3.3V, AGND, VREFN, DGND = 0V, TA = +25
oC, Master Mode, fs = 48kHz, MCLK = 256fs unless
otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Audio Data Input Timing Information
LRC propagation delay from
BCLK falling edge
tDL
0
10
ns
DOUT propagation delay
from BCLK falling edge
tDDA
0
10
ns
DIN1/2/3 setup time to
BCLK rising edge
tDST
10
ns
DIN1/2/3 hold time from
BCLK rising edge
tDHT
10
ns
Table 3 Digital Audio Data Timing – Master Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73