| Zakładka z wyszukiwarką danych komponentów |
|
WM8772SEDS/RV Arkusz danych(PDF) 69 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8772SEDS/RV Arkusz danych(HTML) 69 Page - Wolfson Microelectronics plc |
|
69 / 73 page ![]() Production Data WM8772EFT – 32 LEAD TQFP w PD Rev 4.2 October 2005 69 APPLICATIONS INFORMATION RECOMMENDED EXTERNAL COMPONENTS RECOMMENDED EXTERNAL COMPONENTS VALUES COMPONENT REFERENCE SUGGESTED VALUE DESCRIPTION C1 and C5 10 µF De-coupling for DVDD and AVDD. C2 to C4 0.1 µF De-coupling for DVDD and AVDD. C8 and C9 1 µF Analogue input high pass filter capacitors C6 and C10 0.1 µF C7 and C11 10 µF Reference de-coupling capacitors for VMID and ADCREF pin. C12 10 µF Filtering for VREFP. Omit if AVDD low noise. R1 33 Ω Filtering for VREP. Use 0 Ω if AVDD low noise. Table 23 External Components Description |