| Zakładka z wyszukiwarką danych komponentów |
|
AD8571ARMZ-R2 Arkusz danych(PDF) 15 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8571ARMZ-R2 Arkusz danych(HTML) 15 Page - Analog Devices |
|
15 / 24 page ![]() AD8571/AD8572/AD8574 Rev. B | Page 15 of 24 VIN+ VIN– VOUT AB AA ΦA ΦB VOSA + VOSB + BB CM2 CM1 ΦA VNB VNA –BA VOA ΦB Figure 50. Auto-Zero Phase of the Amplifier AMPLIFICATION PHASE When the φB switches close and the φA switches open for the amplification phase, this offset voltage remains on CM1 and essentially corrects any error from the nulling amplifier. The voltage across CM1 is designated as VNA. The potential difference between the two inputs to the primary amplifier is designated as VIN, or VIN = (VIN+ − VIN–). The output of the nulling amplifier can then be expressed as [] [] [ ] [ ] t V B t V t V A t V NA A OSA IN A OA − − = ( (3) VIN+ VIN– VOUT AB AA ΦA ΦB VOSA + VOSB + BB CM2 CM1 ΦA VNB VNA –BA VOA ΦB Figure 51. Output Phase of the Amplifier Because φA is now open and there is no place for CM1 to discharge, the voltage (VNA) at the present time (t) is equal to the voltage at the output of the nulling amp (VOA) at the time when φA was closed. If the period of the autocorrection switching frequency is designated as TS, then the amplifier switches between phases every 0.5 × TS. Therefore, in the amplification phase [] ⎥⎦ ⎤ ⎢⎣ ⎡ − = S NA NA T t V t V 2 1 (4) and substituting Equation 4 and Equation 2 into Equation 3 yields [] [] [ ] A S OSA A A OSA A IN A OA B T t V B A t V A t V A t V + ⎥⎦ ⎤ ⎢⎣ ⎡ − − + = 1 2 1 (5) For the sake of simplification, it can be assumed that the autocorrection frequency is much faster than any potential change in VOSA or VOSB. This is a good assumption since changes in offset voltage are a function of temperature variation or long-term wear time, both of which are much slower than the auto-zero clock frequency of the AD857x. This effectively makes the VOS time invariant, and Equation 5 can be rewritten as [] [ ] ( ) A OSA A A OSA A A IN A OA B V B A V B A t V A t V + − + + = 1 1 (6) or [] [ ] ⎟ ⎟ ⎠ ⎞ ⎜ ⎜ ⎝ ⎛ + + = A OSA IN A OA B V t V A t V 1 (7) Here, the auto-zeroing becomes apparent. Note that the VOS term is reduced by a 1 + BA factor. This shows how the nulling amplifier has greatly reduced its own offset voltage error even before correcting the primary amplifier. Thus, the primary amplifier output voltage is the voltage at the output of the AD857x amplifier. It is equal to [ ] [ ] ( ) NB B OSB IN B OUT V B V t V A t V + + = (8) In the amplification phase, VOA = VNB, so this can be rewritten as [ ] [] [] ⎥ ⎥ ⎦ ⎤ ⎢ ⎢ ⎣ ⎡ ⎟ ⎟ ⎠ ⎞ ⎜ ⎜ ⎝ ⎛ + + + + = A OSA IN A B OSB B IN B OUT B V t V A B V A t V A t V 1 (9) combining terms yields [] [] () OSB B A OSA B A B A B IN OUT V A B V B A B A A t V t V + + + + = 1 (10) The AD857x architecture is optimized in such a way that AA = AB and BA = BB and BA >> 1. In addition, the gain product to AABB is much greater than AB. Thus, Equation 10 can be simplified to [ ] [ ] ) ( OSB OSA A A A IN OUT V V A B A t V t V + + = (11) Most obvious is the gain product of both the primary and nulling amplifiers. This AABA term is what gives the AD857x its extremely high open-loop gain. To understand how VOSA and VOSB relate to the overall effective input offset voltage of the complete amplifier, set up the generic amplifier equation of ) ( , EFF OS IN OUT V V k V + × = (12) where k is the open-loop gain of an amplifier and VOS, EFF is its effective offset voltage. Putting Equation 12 into the form of Equation 11 gives [ ] [ ] A A EFF OS A A IN OUT B A V B A t V t V , + = (13) Therefore A OSB OSA EFF OS B V V V + ≈ , (14) |