Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADCMP370 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części ADCMP370
Szczegółowy opis  General-Purpose Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADCMP370 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button ADCMP370_06 Datasheet HTML 4Page - Analog Devices ADCMP370_06 Datasheet HTML 5Page - Analog Devices ADCMP370_06 Datasheet HTML 6Page - Analog Devices ADCMP370_06 Datasheet HTML 7Page - Analog Devices ADCMP370_06 Datasheet HTML 8Page - Analog Devices ADCMP370_06 Datasheet HTML 9Page - Analog Devices ADCMP370_06 Datasheet HTML 10Page - Analog Devices ADCMP370_06 Datasheet HTML 11Page - Analog Devices ADCMP370_06 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADCMP370/ADCMP371
Rev. A | Page 11 of 12
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-203-AA
0.30
0.15
0.10 MAX
1.00
0.90
0.70
0.46
0.36
0.26
SEATING
PLANE
0.22
0.08
1.10
0.80
4
5
12
3
PIN 1
0.65 BSC
2.20
2.00
1.80
2.40
2.10
1.80
1.35
1.25
1.15
0.10 COPLANARITY
0.40
0.10
Figure 21. 5-Lead Thin Shrink Small Outline Transistor Package [SC70]
(KS-5)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding
ADCMP370AKS-REEL
−40°C to +85°C
5-Lead SC70
KS-5
M1F
ADCMP370AKS-REEL7
−40°C to +85°C
5-Lead SC70
KS-5
M1F
ADCMP370AKSZ-REEL1
−40°C to +85°C
5-Lead SC70
KS-5
M8P
ADCMP370AKSZ-REEL71
−40°C to +85°C
5-Lead SC70
KS-5
M8P
ADCMP371AKS-REEL
−40°C to +85°C
5-Lead SC70
KS-5
M1G
ADCMP371AKS-REEL7
−40°C to +85°C
5-Lead SC70
KS-5
M1G
ADCMP371AKSZ-REEL71
−40°C to +85°C
5-Lead SC70
KS-5
M8W
1 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12