Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L5991 Arkusz danych(PDF) 20 Page - STMicroelectronics

Numer części L5991
Szczegółowy opis  PRIMARY CONTROLLER WITH STANDBY
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5991 Arkusz danych(HTML) 20 Page - STMicroelectronics

Back Button L5991 Datasheet HTML 15Page - STMicroelectronics L5991 Datasheet HTML 16Page - STMicroelectronics L5991 Datasheet HTML 17Page - STMicroelectronics L5991 Datasheet HTML 18Page - STMicroelectronics L5991 Datasheet HTML 19Page - STMicroelectronics L5991 Datasheet HTML 20Page - STMicroelectronics L5991 Datasheet HTML 21Page - STMicroelectronics L5991 Datasheet HTML 22Page - STMicroelectronics L5991 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
L5991
4
3
12
11
VREF
SGND
PGND
10K
Ω
R2
5.1
R1
4.7K
VIN
80÷400VDC
D97IN750B
Figure 47. Device shutdown on mains undervoltage.
L5991
1
12
SYNC
SGND
1K
Ω
5.1V
D97IN753A
Figure 48. Synchronization to flyback pulses (for monitors).
L5991 - L5991A
20/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23