Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8337BCPZ-R2 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD8337BCPZ-R2
Szczegółowy opis  General-Purpose, Low Cost, DC-Coupled VGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8337BCPZ-R2 Arkusz danych(HTML) 5 Page - Analog Devices

  AD8337BCPZ-R2 Datasheet HTML 1Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 2Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 3Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 4Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 5Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 6Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 7Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 8Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD8337
Rev. B | Page 5 of 24
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Voltage
Supply Voltage (VPOS, VNEG)
±6 V
Input Voltage (INPx)
VPOS, VNEG
GAIN Voltage
VPOS, VNEG
Power Dissipation
(Exposed Pad Soldered to PC Board)
866 mW
Temperature
Operating Temperature Range
–40°C to +85°C
Storage Temperature Range
–65°C to +150°C
Lead Temperature (Soldering, 60 sec)
300°C
Thermal Data—4-Layer JEDEC Board
No Air Flow Exposed Pad Soldered
to PC Board
θJA
75.4°C/W
θJB
47.5°C/W
θJC
17.9°C/W
ΨJT
2.2°C/W
ΨJB
46.2°C/W
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24