| Zakładka z wyszukiwarką danych komponentów |
|
LSN2-T/10-W3 Arkusz danych(PDF) 2 Page - C&D Technologies |
|
|
|||||||||||||||||||||||||||||
LSN2-T/10-W3 Arkusz danych(HTML) 2 Page - C&D Technologies |
|
2 / 14 page ![]() ® LSN2 Series Non-isolated, DOSA-SIP, 6/10/16A Selectable-Output DC/DC Converters LSN2 Series Page 2 of 14 www.cd4power.com PART NUMBER STRUCTURE PERFORMANCE SPECIFICATIONS AND ORDERING GUIDE ➀ Model Output Input Efficiency Package (Case/ Pinout) VOUT (Volts) IOUT (Amps) Power (Watts) R/N (mVp-p) ➁ Regulation ➂ VIN Nom. (Volts) Range ➄ (Volts) IIN ➃ (mA/A) Typ. Max. Line Load Min. Typ. LSN2-T/6-W3 0.75-3.3 6 19.8 15 25 ±0.3% ±0.3% 5 2.4-5.5 50/4.22 92% 94% B12, P69 LSN2-T/6-D12 0.75-5 6 19.8 15 25 ±0.3% ±0.3% 12 8.3-14 70/2.69 90% 93% B12, P69 LSN2-T/10-W3 0.75-3.3 10 33.0 15 25 ±0.3% ±0.3% 5 2.4-5.5 50/6.95 93% 95% B11, P68 LSN2-T/10-D12 0.75-5 10 33.0 30 75 ±0.3% ±0.3% 12 8.3-14 100/4.39 93% 95% B11, P68 LSN2-T/16-W3 0.75-3.3 16 52.8 25 50 ±0.3% ±0.3% 5 2.4-5.5 50/11.12 93% 95% B11, P68 LSN2-T/16-D12 ➅ 0.75-5 16 52.8 30 75 ±0.3% ±0.3% 12 8.3-14 100/7.1 92% 94% B11, P68 Maximum Rated Output Current in Amps Non-Isolated SMT Output Configuration: L = Unipolar Low Voltage Nominal Output Voltage: 0.75-3.3 Volts (W3) 0.75-5 Volts (D12) L SN2 - / D12 - T 16 N G Input Voltage Range: D12 = 8.3-14 Volts (12V nominal) W3 = 2.4-5.5 Volts (5V nominal) On/Off Polarity: Blank = Positive polarity N = Negative polarity Power Good Output: Blank = Omitted G = Installed ➀ Typical at TA = +25°C under nominal line voltage and full-load conditions, unless noted. All models are tested and specified with external 22μF tantalum input and output capacitors. These capacitors are necessary to accommodate our test equipment and may not be required to achieve specified performance in your applications. See I/O Filtering and Noise Reduction. ➁ Ripple/Noise (R/N) is tested/specified over a 20MHz bandwidth and may be reduced with external filtering. See I/O Filtering and Noise Reduction for details. ➂ These devices have no minimum-load requirements and will regulate under no-load conditions. Regulation specifications describe the output-voltage deviation as the line voltage or load is varied from its nominal/midpoint value to either extreme. ➃ Nominal line voltage, no-load/full-load conditions. ➄ VIN must be ≥0.5V greater than VOUT. ➅ LSN2-TXX-D12 efficiencies are shown at 5VOUT. Note: Not all model number combinations are available. Contact C&D Technologies (DATEL). C RoHS-6 compliant* - *Contact C&D Technologies (DATEL) for availability. |