| Zakładka z wyszukiwarką danych komponentów |
|
AT45DB021B-RC Arkusz danych(PDF) 16 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT45DB021B-RC Arkusz danych(HTML) 16 Page - ATMEL Corporation |
|
16 / 32 page ![]() 16 1937J–DFLSH–9/05 AT45DB021B 9.3 Reset Timing (Inactive Clock Polarity Low Shown) Note: The CS signal should be in the high state before the RESET signal is deasserted. 9.4 Command Sequence for Read/Write Operations (except Status Register Read) Notes: 1. “r” designates bits reserved for larger densities. 2. It is recommended that “r” be a logical “0” for densities of 2M bits or smaller. 3. For densities larger than 2M bits, the “r” bits become the most significant Page Address bit for the appropriate density. CS SCK RESET SO HIGH IMPEDANCE HIGH IMPEDANCE SI tRST tREC tCSS SI CMD 8 bits 8 bits 8 bits MSB Reserved for larger densities Page Address (PA9-PA0) Byte/Buffer Address (BA8-BA0/BFA8-BFA0) LSB r r r r r X X X X X X X X X X X X X X X X X X X |