| Zakładka z wyszukiwarką danych komponentów |
|
TMS320C6421 Arkusz danych(PDF) 56 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320C6421 Arkusz danych(HTML) 56 Page - Texas Instruments |
|
56 / 59 page ![]() www.ti.com 7.1.1 Thermal Data for ZDU 7.1.2 Packaging Information TMS320C6421 Fixed-Point Digital Signal Processor SPRS346A – JANUARY 2007 – REVISED MARCH 2007 Table 7-2. Thermal Resistance Characteristics (PBGA Package) [ZDU] NO. °C/W(1) AIR FLOW (m/s)(2) 1 R Θ JC Junction-to-case 7.7 N/A 2 R Θ JB Junction-to-board 10.5 N/A 3 19.7 0.00 4 R Θ JA Junction-to-free air 15.5 1.0 5 14.3 2.00 7 4.9 0.00 8 PsiJT Junction-to-package top 5.1 1.0 9 5.2 2.00 11 10.4 0.00 12 PsiJB Junction-to-board 9.8 1.0 13 9.6 2.00 (1) The junction-to-case measurement was conducted in a JEDEC defined 1S0P system. Other measurements were conducted in a JEDEC defined 1S2P system and will change based on environment as well as application. For more information, see these three EIA/JEDEC standards: • EIA/JESD51-2, Integrated Circuits Thermal Test Method Environment Conditions - Natural Convection (Still Air) • EIA/JESD51-3, Low Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages • JESD51-7, High Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages (2) m/s = meters per second The following packaging information and addendum reflect the most current data available for the designated device(s). This data is subject to change without notice and without revision of this document. Mechanical Data 56 Submit Documentation Feedback |