| Zakładka z wyszukiwarką danych komponentów |
|
AT89LS52-16PI Arkusz danych(PDF) 10 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89LS52-16PI Arkusz danych(HTML) 10 Page - ATMEL Corporation |
|
10 / 40 page ![]() 10 2601B–MICRO–03/05 AT89LS52 6. Memory Organization MCS-51 devices have a separate address space for Program and Data Memory. Up to 64K bytes each of external Program and Data Memory can be addressed. 6.1 Program Memory If the EA pin is connected to GND, all program fetches are directed to external memory. On the AT89LS52, if EA is connected to VCC, program fetches to addresses 0000H through 1FFFH are directed to internal memory and fetches to addresses 2000H through FFFFH are directed to external memory. 6.2 Data Memory The AT89LS52 implements 256 bytes of on-chip RAM. The upper 128 bytes occupy a parallel address space to the Special Function Registers. This means that the upper 128 bytes have the same addresses as the SFR space but are physically separate from SFR space. When an instruction accesses an internal location above address 7FH, the address mode used in the instruction specifies whether the CPU accesses the upper 128 bytes of RAM or the SFR space. Instructions which use direct addressing access of the SFR space. For example, the following direct addressing instruction accesses the SFR at location 0A0H (which is P2). MOV 0A0H, #data Instructions that use indirect addressing access the upper 128 bytes of RAM. For example, the following indirect addressing instruction, where R0 contains 0A0H, accesses the data byte at address 0A0H, rather than P2 (whose address is 0A0H). MOV @R0, #data Note that stack operations are examples of indirect addressing, so the upper 128 bytes of data RAM are available as stack space. Table 5-4. AUXR1: Auxiliary Register 1 AUXR1 Address = A2H Reset Value = XXXXXXX0B Not Bit Addressable –– – – – – – DPS Bit 7 6 5 4 3 2 1 0 – Reserved for future expansion DPS Data Pointer Register Select DPS 0 Selects DPTR Registers DP0L, DP0H 1 Selects DPTR Registers DP1L, DP1H |