| Zakładka z wyszukiwarką danych komponentów |
|
AT89LP216-20PI Arkusz danych(PDF) 34 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89LP216-20PI Arkusz danych(HTML) 34 Page - ATMEL Corporation |
|
34 / 90 page ![]() 34 3621A–MICRO–6/06 AT89LP216 [Preliminary] Figure 14-7. Timer/Counter 1 PWM Mode 1 14.5.3 Mode 2 – 8-bit Frequency Generator Timer 0 in PWM Mode 2 functions as an 8-bit Auto-Reload timer, the same as normal Mode 2, with the exception that the output pin T0 is toggled at every TL0 overflow (see Figure 14-8). Timer 1 in PWM Mode 2 is identical to Timer 0. PWM Mode 2 can be used to output a square wave of varying frequency. THx acts as an 8-bit counter. The following formula gives the output frequency for Timer 0 in PWM Mode 2. Figure 14-8. Timer/Counter 1 PWM Mode 2 Note: {RH0 & RL0}/{RH1 & RL1} are not required by Timer 0/Timer 1 during PWM Mode 2 and may be used as temporary storage registers. OSC TR1 GATE INT1 Pin TL1 (8 Bits) Control TH1 (8 Bits) OCR1 RH1 (8 Bits) = T1 RL1 (8 Bits) ÷TPS Mode 2: fout Oscillator Frequency 2256 TH0 – () × ------------------------------------------------------- 1 TPS 1 + -------------------- × = OSC TR1 GATE INT1 Pin TL1 (8 Bits) Control T1 TH1 (8 Bits) ÷TPS |