| Zakładka z wyszukiwarką danych komponentów |
|
AT89C51CC03CA-RDTZM Arkusz danych(PDF) 52 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89C51CC03CA-RDTZM Arkusz danych(HTML) 52 Page - ATMEL Corporation |
|
52 / 197 page ![]() 52 AT89C51CC03 4182K–CAN–05/06 Figure 26. Flash and Extra Row Programming Procedure Hardware Security Byte The following procedure is used to program the Hardware Security Byte space and is summarized in Figure 27: • Set FPS and map Hardware byte (FCON = 0x0C) • Save and disable the interrupts. • Load DPTR at address 0000h. • Load Accumulator register with the data to load. • Execute the MOVX @DPTR, A instruction. • Launch the programming by writing the data sequence 54h followed by A4h in FCON register (only from FM1). The end of the programming indicated by the FBusy flag cleared. • Restore the interrupts. Flash Spaces Programming Save and Disable IT EA = 0 Launch Programming FCON = 5xh FCON = Axh End Programming Restore IT Column Latches Loading see Figure 25 FBusy Cleared? Clear Mode FCON = 00h |