| Zakładka z wyszukiwarką danych komponentów |
|
LM339X Arkusz danych(PDF) 30 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM339X Arkusz danych(HTML) 30 Page - Texas Instruments |
|
30 / 51 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 2-Nov-2023 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead finish/ Ball material (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LM2901AVQDRG4 ACTIVE SOIC D 14 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 L2901AV Samples LM2901AVQPWR ACTIVE TSSOP PW 14 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 L2901AV Samples LM2901AVQPWRG4 ACTIVE TSSOP PW 14 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 L2901AV Samples LM2901BIDR ACTIVE SOIC D 14 3000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 LM2901B Samples LM2901BIPWR ACTIVE TSSOP PW 14 3000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 LM2901B Samples LM2901BIRTER ACTIVE WQFN RTE 16 5000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 M2901B Samples LM2901D LIFEBUY SOIC D 14 50 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 LM2901 LM2901DE4 LIFEBUY SOIC D 14 50 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 LM2901 LM2901DG4 LIFEBUY SOIC D 14 50 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 LM2901 LM2901DR ACTIVE SOIC D 14 2500 RoHS & Green NIPDAU | SN Level-1-260C-UNLIM -40 to 125 LM2901 Samples LM2901DRE4 LIFEBUY SOIC D 14 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 LM2901 LM2901DRG3 ACTIVE SOIC D 14 2500 RoHS & Green SN Level-1-260C-UNLIM -40 to 125 LM2901 Samples LM2901DRG4 LIFEBUY SOIC D 14 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 LM2901 LM2901N ACTIVE PDIP N 14 25 RoHS & Green NIPDAU N / A for Pkg Type -40 to 125 LM2901N Samples LM2901NE4 LIFEBUY PDIP N 14 25 RoHS & Green NIPDAU N / A for Pkg Type -40 to 125 LM2901N LM2901NSR ACTIVE SO NS 14 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 LM2901 Samples LM2901PW LIFEBUY TSSOP PW 14 90 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 L2901 LM2901PWG4 LIFEBUY TSSOP PW 14 90 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 L2901 LM2901PWR ACTIVE TSSOP PW 14 2000 RoHS & Green NIPDAU | SN Level-1-260C-UNLIM -40 to 125 L2901 Samples LM2901PWRG3 ACTIVE TSSOP PW 14 2000 RoHS & Green SN Level-1-260C-UNLIM -40 to 125 L2901 Samples LM2901PWRG4 ACTIVE TSSOP PW 14 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 L2901 Samples LM2901VQDR ACTIVE SOIC D 14 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 L2901V Samples LM2901VQPWR ACTIVE TSSOP PW 14 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 L2901V Samples Addendum-Page 2 |