Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AS324P Arkusz danych(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Numer części AS324P
Szczegółowy opis  LOW POWER QUAD OPERATIONAL AMPLIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Strona internetowa  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS324P Arkusz danych(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AS324P Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AS324P Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
The AS324/324A consist of four independent, high gain
and
internally
frequency
compensated
operational
amplifiers. They are specifically designed to operate from
a single power supply. Operation from split power
supplies is also possible and the low power supply current
drain is independent of the magnitude of the power supply
voltage.
Typical
applications
include
transducer
amplifiers, DC gain blocks and most conventional
operational amplifier circuits.
The AS324/324A series are compatible with industry
standard 324. AS324A has more stringent input offset
voltage than AS324.
Features
·
Internally Frequency Compensated for Unity Gain
·
Large Voltage Gain: 100dB (Typical)
·
Low Input Bias Current: 20nA (Typical)
·
Low Input Offset Voltage: 2mV (Typical)
·
Low Supply Current: 0.7mA (Typical)
·
Wide Power Supply Voltage Range:
Single Supply: 3V to 36V
Dual Supplies: ±1.5V to ±18V
·
Input Common Mode Voltage Range Includes
Ground
·
Large Output Voltage Swing: 0V to VCC-1.5V
·
Power Drain Suitable for Battery Operation
Additional Available Materials
·
Samples
·
Datasheet
·
Reliability Report
·
ESD Report
Pin Configuration
Aug. 2006
BCD Semiconductor Manufacturing Limited
Product Brief
LOW POWER QUAD OPERATIONAL AMPLIFIERS
AS324/324A
SOIC-14/DIP-14/TSSOP-14
INPUT 1-
INPUT 1+
VCC
INPUT 2+
INPUT 2-
OUTPUT 2
OUTPUT 1
14
OUTPUT 4
13
INPUT 4-
12
INPUT 4+
11
GND
10
INPUT 3+
9
INPUT 3-
8
OUTPUT 3
1
2
3
4
5
6
7
Parametric Table
Supply Voltage Range (V)
3 to 36
±1.5 to ±18
Input Offset Voltage
(Typ/Max) (mV)
AS324
2.0/5.0
AS324A
2.0/3.0
Quiescent Current Over Full Tempera-
ture Range (VCC=5V) (mA)
0.5
Large Signal Voltage Gain (dB)
100
CMRR (dB)
70
PSRR (dB)
100
Output Current Source (mA)
40
Output Current Sink (mA)
15
Operating Temperature Range (oC)
-40 to 85
Applications
·
Battery Charger
·
Cordless Telephone
·
Switching Power Supply
Benefits
·
Easier to Use
·
Very Competitive Price


Podobny numer części - AS324P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
BCD Semiconductor Manuf...
AS324P BCDSEMI-AS324P Datasheet
285Kb / 13P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
AS324P BCDSEMI-AS324P Datasheet
285Kb / 13P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
AS324P-E1 BCDSEMI-AS324P-E1 Datasheet
285Kb / 13P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
AS324P-E1 BCDSEMI-AS324P-E1 Datasheet
808Kb / 13P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
AS324P-G1 BCDSEMI-AS324P-G1 Datasheet
808Kb / 13P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
More results

Podobny opis - AS324P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
LM124 STMICROELECTRONICS-LM124 Datasheet
142Kb / 14P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
Jun-1999
LM124A STMICROELECTRONICS-LM124A Datasheet
1,021Kb / 13P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
Mar-2001
LM2902 STMICROELECTRONICS-LM2902 Datasheet
135Kb / 14P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
Aug-1998
LM124 STMICROELECTRONICS-LM124_05 Datasheet
915Kb / 16P
Low Power Quad Operational Amplifiers
Rev 3 June 2005
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324_07 Datasheet
285Kb / 13P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM2902EP NSC-LM2902EP Datasheet
844Kb / 18P
Low Power Quad Operational Amplifiers
logo
Taiwan Semiconductor Co...
TS324 TSC-TS324_07 Datasheet
531Kb / 8P
Low Power Quad Operational Amplifiers
logo
Texas Instruments
LM124JAN TI1-LM124JAN_13 Datasheet
781Kb / 26P
Low Power Quad Operational Amplifiers
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902_V01 Datasheet
792Kb / 20P
Low-power quad operational amplifiers
31-Aug-2022
logo
New Japan Radio
NJM324C NJRC-NJM324C Datasheet
459Kb / 10P
Low power quad operational amplifiers
ver.09
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com