| Zakładka z wyszukiwarką danych komponentów |
|
GTL2000DL Arkusz danych(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
GTL2000DL Arkusz danych(HTML) 3 Page - NXP Semiconductors |
|
3 / 6 page ![]() Philips Semiconductors Product specification GTL2000 22-bit GTL processor voltage clamp 2000 Jan 25 3 PIN DESCRIPTION PIN NUMBER SYMBOL NAME AND FUNCTION 1 GND Ground (0V) 2 SREF Source of reference transistor 3 – 24 Sn Port S1 to Port S22 25 – 46 Dn Port D1 to Port D22 47 DREF Drain of reference transistor 48 GREF Gate of reference transistor CLAMP SCHEMATIC SA00522 SREF S1 S22 DREF D1 D22 GREF ABSOLUTE MAXIMUM RATINGS1, 2, 3 SYMBOL PARAMETER CONDITIONS RATING UNIT VS_REF DC source reference voltage –0.5 to +7.0 V VD_REF DC drain reference voltage –0.5 to +7.0 V VG_REF DC gate reference voltage –0.5 to +7.0 V VSn DC voltage Port Sn –0.5 to +7.0 V VDn DC voltage Port Dn –0.5 to +7.0 V IREFK DC reference diode current VI < 0 –50 mA ISK DC diode current Port Sn VI < 0 –50 mA IDK DC diode current Port Dn VI < 0 –50 mA IMAX DC clamp current per channel Channel in ON-state ±35 mA Tstg Storage temperature range –65 to +150 °C NOTES: 1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. 2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150 °C. 3. The input and output negative voltage ratings may be exceeded if the input and output clamp current ratings are observed. RECOMMENDED OPERATING CONDITIONS SYMBOL PARAMETER CONDITIONS LIMITS UNIT SYMBOL PARAMETER CONDITIONS Min Max UNIT VS_REF DC source reference voltage 1.0 4.4 V VD_REF DC drain reference voltage VS_REF + 0.6 5 V VG_REF DC gate reference voltage VS_REF + 0.6 5 V VSn DC voltage Port Sn (OFF-state) VS_REF 5 V VSn DC voltage Port Sn (ON-state) 0 0.2 V VDn DC voltage Port Dn (OFF-state) VS_REF 5 V VDn DC voltage Port Dn (ON-state) 0 0.4 V IS Switch input leakage current (OFF-state) for Sn and Dn I/O VS , VD = 5 V 15 µA II GREF input leakage current VG = 5 V 2.5 µA Tamb Operating ambient temperature range In free air 0 +85 °C |