| Zakładka z wyszukiwarką danych komponentów |
|
CC1010-RTY1 Arkusz danych(PDF) 50 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
CC1010-RTY1 Arkusz danych(HTML) 50 Page - Texas Instruments |
|
50 / 152 page ![]() CC1010 SWRS047 Page 50 of 152 P2 (0xA0) - Port 2 Data Register Bit Name R/W Reset value Description 7 P2_7 R/W 1 6 P2_6 R/W 1 5 P2_5 R/W 1 4 P2_4 R/W 1 3 P2_3 R/W 1 2 P2_2 R/W 1 1 P2_1 R/W 1 0 P2_0 R/W 1 Data of port 2, bits 0 to 7 P3 (0xB0) - Port 3 Data Register Bit Name R/W Reset value Description 7 - R0 0 Reserved, read as 0 6 - R0 0 Reserved, read as 0 5 P3_5 R/W 1 4 P3_4 R/W 1 3 P3_3 R/W 1 2 P3_2 R/W 1 1 P3_1 R/W 1 0 P3_0 R/W 1 Data of port 3, bits 0 to 5 P0DIR (0xA4) - Port 0 Direction Register Bit Name R/W Reset value Description 7 - R0 0 Reserved, read as 0 6 - R0 0 Reserved, read as 0 5 - R0 0 Reserved, read as 0 4 - R0 0 Reserved, read as 0 3 P0DIR_3 R/W 1 2 P0DIR_2 R/W 1 1 P0DIR_1 R/W 1 0 P0DIR_0 R/W 1 Port 0 direction register, bit 0 to 3. Each bit sets the direction of the associated pin on Port 0. 0 : Associated pin is an output 1 : Associated pin is an input P1DIR (0xA5) - Port 1 Direction Register Bit Name R/W Reset value Description 7 P1DIR_7 R/W 1 6 P1DIR_6 R/W 1 5 P1DIR_5 R/W 1 4 P1DIR_4 R/W 1 3 P1DIR_3 R/W 1 2 P1DIR_2 R/W 1 1 P1DIR_1 R/W 1 0 P1DIR_0 R/W 1 Port 1 direction register, bit 0 to 7. Each bit sets the direction of the associated pin on Port 1. 0 : Associated pin is an output 1 : Associated pin is an input |