| Zakładka z wyszukiwarką danych komponentów |
|
HCS374D/SAMPLE Arkusz danych(PDF) 6 Page - Intersil Corporation |
|
|
|||||||||||||||||||||||||||||
HCS374D/SAMPLE Arkusz danych(HTML) 6 Page - Intersil Corporation |
|
6 / 10 page ![]() 6 Specifications HCS374MS TABLE 6. APPLICABLE SUBGROUPS CONFORMANCE GROUPS METHOD GROUP A SUBGROUPS READ AND RECORD Initial Test (Preburn-In) 100%/5004 1, 7, 9 ICC, IOL/H, IOZL/H Interim Test I (Postburn-In) 100%/5004 1, 7, 9 ICC, IOL/H, IOZL/H Interim Test II (Postburn-In) 100%/5004 1, 7, 9 ICC, IOL/H, IOZL/H PDA 100%/5004 1, 7, 9, Deltas Interim Test III (Postburn-In) 100%/5004 1, 7, 9 ICC, IOL/H, IOZL/H PDA 100%/5004 1, 7, 9, Deltas Final Test 100%/5004 2, 3, 8A, 8B, 10, 11 Group A (Note 1) Sample/5005 1, 2, 3, 7, 8A, 8B, 9, 10, 11 Group B Subgroup B-5 Sample/5005 1, 2, 3, 7, 8A, 8B, 9, 10, 11, Deltas Subgroups 1, 2, 3, 9, 10, 11, (Notes) Subgroup B-6 Sample/5005 1, 7, 9 Group D Sample/5005 1, 7, 9 NOTES: 1. Alternate Group A testing in accordance with Method 5005 of MIL-STD-883 may be exercised. 2. Table 5 parameters only. TABLE 7. TOTAL DOSE IRRADIATION CONFORMANCE GROUPS METHOD TEST READ AND RECORD PRE RAD POST RAD PRE RAD POST RAD Group E Subgroup 2 5005 1, 7, 9 Table 4 1, 9 Table 4 (Note 1) NOTE: 1. Except FN test which will be performed 100% Go/No-Go. TABLE 8. STATIC BURN-IN AND DYNAMIC BURN-IN TEST CONNECTIONS OPEN GROUND 1/2 VCC = 3V ± 0.5V VCC = 6V ± 0.5V OSCILLATOR 50kHz 25kHz STATIC BURN-IN I TEST CONNECTIONS (Note 1) 2, 5, 6, 9, 12, 15, 16, 19 1, 3, 4, 7, 8, 10, 11, 13, 14, 17, 18 - 20 - - STATIC BURN-IN II TEST CONNECTIONS (Note 1) 2, 5, 6, 9, 12, 15, 16, 19 10 - 1, 3, 4, 7, 8, 11, 13, 14, 17, 18, 20 - - DYNAMIC BURN-IN TEST CONNECTIONS (Note 2) - 1, 10 2, 5, 6, 9, 12, 15, 16, 19 20 11 3, 4, 7, 8, 13, 14, 17, 18 NOTES: 1. Each pin except VCC and GND will have a resistor of 1K Ω ± 5% for dynamic burn-in. 2. Each pin except VCC and GND will have a resistor of 680 Ω ± 5% for dynamic burn-in. TABLE 9. IRRADIATION TEST CONNECTIONS OPEN GROUND VCC = 5V ± 0.5V 2, 5, 6, 9, 12, 15, 16, 19 10 1, 3, 4, 7, 8, 11, 13, 14, 17, 18, 20 NOTE: Each pin except VCC and GND will have a resistor of 47K Ω ± 5% for irradiation testing. Group E, Subgroup 2, sample size is 4 dice/wafer 0 failures. Spec Number 518770 |