| Zakładka z wyszukiwarką danych komponentów |
|
TL431ACLPRE3 Arkusz danych(PDF) 20 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL431ACLPRE3 Arkusz danych(HTML) 20 Page - Texas Instruments |
|
20 / 61 page ![]() TL431, TL431A, TL431B TL432, TL432A, TL432B ADJUSTABLE PRECISION SHUNT REGULATORS SLVS543J − AUGUST 2004 − REVISED DECEMBER 2005 20 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS† Figure 9 1.5 1 0.5 0 −75 −25 0 50 2 OFF-STATE CATHODE CURRENT vs FREE-AIR TEMPERATURE 2.5 100 125 −50 25 75 TA − Free-Air Temperature − °C VKA = 36 V Vref = 0 Figure 10 −1.15 −1.25 −1.35 −1.45 −1.05 − 0.95 RATIO OF DELTA REFERENCE VOLTAGE TO DELTA CATHODE VOLTAGE vs FREE-AIR TEMPERATURE − 0.85 TA − Free-Air Temperature − °C −75 −25 0 50 100 125 −50 25 75 VKA = 3 V to 36 V 180 140 120 100 10 100 1 k 220 240 f − Frequency − Hz EQUIVALENT INPUT NOISE VOLTAGE vs FREQUENCY 260 10 k 100 k 200 160 IO = 10 mA TA = 25°C Figure 11 † Data at high and low temperatures is applicable only within the recommended operating free-air temperature ranges of the various devices. |