| Zakładka z wyszukiwarką danych komponentów |
|
TL062CPWLE Arkusz danych(PDF) 3 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TL062CPWLE Arkusz danych(HTML) 3 Page - Texas Instruments |
|
3 / 39 page ![]() TL061, TL061A, TL061B, TL062, TL062A TL062B, TL064, TL064A, TL064B LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS SLOS078J − NOVEMBER 1978 − REVISED SEPTEMBER 2004 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 description/ordering information (continued) ORDERING INFORMATION (continued) TA VIOMAX AT 25 °C PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING PDIP (P) Tube of 50 TL061IP TL061IP PDIP (P) Tube of 50 TL062IP TL062IP PDIP (N) Tube of 25 TL064IN TL064IN Tube of 75 TL061ID TL061I −40 °C to 85°C 6 mV Reel of 2000 TL061IDR TL061I −40 °C to 85°C 6 mV SOIC (D) Tube of 75 TL062ID TL062I SOIC (D) Reel of 2000 TL062IDR TL062I Tube of 50 TL064ID TL064I Reel of 2500 TL064IDR TL064I TSSOP (PW) Reel of 2000 TL062IPWR TL062I 6 mV CDIP (JG) Tube of 50 TL062MJG TL062MJG 6 mV LCCC (FK) Tube of 55 TL062MFK TL062MFK −55 °C to 125°C CDIP (J) Tube of 25 TL064MJ TL064MJ −55 C to 125 C 9 mV CFP (W) Tube of 150 TL064MW TL064MW 9 mV LCCC (FK) Tube of 55 TL064MFK TL064MFK † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. |