Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UN0406N6R5-S08 Arkusz danych(PDF) 2 Page - UN Semiconducctor INC

Numer części UN0406N6R5-S08
Szczegółowy opis  N-Channel Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UNSEMI [UN Semiconducctor INC]
Strona internetowa  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

UN0406N6R5-S08 Arkusz danych(HTML) 2 Page - UN Semiconducctor INC

  UN0406N6R5-S08 Datasheet HTML 1Page - UN Semiconducctor INC UN0406N6R5-S08 Datasheet HTML 2Page - UN Semiconducctor INC UN0406N6R5-S08 Datasheet HTML 3Page - UN Semiconducctor INC UN0406N6R5-S08 Datasheet HTML 4Page - UN Semiconducctor INC UN0406N6R5-S08 Datasheet HTML 5Page - UN Semiconducctor INC UN0406N6R5-S08 Datasheet HTML 6Page - UN Semiconducctor INC UN0406N6R5-S08 Datasheet HTML 7Page - UN Semiconducctor INC UN0406N6R5-S08 Datasheet HTML 8Page - UN Semiconducctor INC UN0406N6R5-S08 Datasheet HTML 9Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ROHS
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
ROHS
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
2/8
UN0406N6R5-S08
N-Channel Enhancement Mode MOSFET
Absolute Maximum Ratings TC = 25℃ unless otherwise specified
Parameter
Symbol
Maximum
Units
Drain to Source Voltage
Pulsed Drain Current 1)
Gate-Source Voltage
Single Pulsed Avalanche Energy 2)
Junction and Storage Temperature Range
VDs
lDM
VGS
EAS
Tstg,TJ
40
16.1
10
61
±20
4.17
20
-55~150
V
A
V
mJ
Continuous Drain Current
A
ID
@TC=25℃
@TC=100℃
PD
Power Dissipation
W
Thermal Characteristics
Notes:
1) Single pulse width limited by junction temperature .
2) Limited by TJ(MAX), Starting at TJ=25℃, Rg=25Ω, L=0.5mH.
3) Design parameters,Guaranteed by design, not subject to production.
Parameter
Symbol
Max
Units
Junction-to-Lead Thermal Resistance
Steady State
RθJL
30
Typ
--
/W



Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com