| Zakładka z wyszukiwarką danych komponentów |
|
REF02RC/883 Arkusz danych(PDF) 6 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
REF02RC/883 Arkusz danych(HTML) 6 Page - Analog Devices |
|
6 / 16 page ![]() REF02 Rev. I | Page 6 of 16 @ VIN = 15 V, IL = 0 mA, 0°C ≤ TA ≤ 70°C for REF02CJ, REF02CZ, and REF02DP; and −40°C ≤ TA ≤ +85°C for REF02CP and REF02CS, unless otherwise noted. Table 4. REF02C REF02D Parameter Symbol Conditions Min Typ Max Min Typ Max Unit Output Voltage Change with Temperature1, 2 ∆VOT 0.14 0.45 0.49 1.7 % Output Voltage Temperature Coefficient3 TCVO 20 65 70 250 ppm/°C Change in VO Temperature Coefficient with Output Adjustment RP = 10 kΩ 0.7 0.7 ppm/% Line Regulation4 VIN = 8 V to 40 V 0.011 0.018 0.012 0.05 %/V Load Regulation4 IL = 0 mA to 5 mA 0.008 0.018 0.016 0.05 %/mA Temperature Voltage Output Temperature Coefficient5 TCVT 883C Product 2.10 2.10 mV/°C P, S, J, and Z Packages 1.96 1.96 mV/°C 1 ΔVOT is defined as the absolute difference between the maximum output voltage and the minimum output voltage over the specified temperature range expressed as a percentage of 5 V. 100 V 5 × − = ∆ MIN MAX OT V V V 2 ∆VOT specification applies trimmed to 5,000 V or untrimmed. 3 TCVO is defined as ΔVOT divided by the temperature range. C 70 ° ∆ = OT O V TCV 4 Line and load regulation specifications include the effect of self-heating. 5 Limit current in or out of Pin 3 to 50 nA and capacitance on Pin 3 to 30 pF. |