Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS82C54 Arkusz danych(PDF) 2 Page - Intersil Corporation

Numer części CS82C54
Szczegółowy opis  CMOS Programmable Intervel Timer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS82C54 Arkusz danych(HTML) 2 Page - Intersil Corporation

  CS82C54 Datasheet HTML 1Page - Intersil Corporation CS82C54 Datasheet HTML 2Page - Intersil Corporation CS82C54 Datasheet HTML 3Page - Intersil Corporation CS82C54 Datasheet HTML 4Page - Intersil Corporation CS82C54 Datasheet HTML 5Page - Intersil Corporation CS82C54 Datasheet HTML 6Page - Intersil Corporation CS82C54 Datasheet HTML 7Page - Intersil Corporation CS82C54 Datasheet HTML 8Page - Intersil Corporation CS82C54 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2
82C54
Ordering Information
PART NUMBERS
TEMPERATURE
RANGE
PACKAGE
PKG.
DWG. #
8MHz
10MHz
12MHz
CP82C54
CP82C54-10
CP82C54-12
0oC to +70oC
24 Lead PDIP
E24.6
CP82C54Z (See Note)
CP82C54-10Z (See Note)
CP82C54-12Z (See Note)
0oC to +70oC
24 Lead PDIP** (Pb-free) E24.6
CS82C54*
CS82C54-10*
CS82C54-12
0oC to +70oC
28 Lead PLCC
N28.45
CS82C54Z* (See Note)
CS82C54-10Z* (See Note) CS82C54-12Z* (See Note)
0oC to +70oC
28 Lead PLCC (Pb-free) N28.45
ID82C54
-
-
-40oC to +85oC
24 Lead CERDIP
F24.6
IP82C54
IP82C54-10
-
-40oC to +85oC
24 Lead PDIP
E24.6
IP82C54Z (See Note)
IP82C54-10Z (See Note)
-
-40oC to +85oC
24 Lead PDIP** (Pb-free) E24.6
IS82C54*
IS82C54-10*
-
-40oC to +85oC
28 Lead PLCC
N28.45
IS82C54Z (See Note)
IS82C54-10Z (See Note)
-
-40oC to +85oC
28 Lead PLCC (Pb-free) N28.45
MD82C54/B
-
-
-55oC to +125oC
24 Lead CERDIP
F24.6
SMD # 8406501JA
-
-
-55oC to +125oC
24 Lead CERDIP
F24.6
SMD# 84065013A
-
84065023A
-55oC to +125oC
28 Lead CLCC
J28.A
Contact factory for availability.
*Add “96” suffix for tape and reel.
**Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing applications.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are
MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22