| Zakładka z wyszukiwarką danych komponentów |
|
MSMF05LC Arkusz danych(PDF) 2 Page - Protek Devices |
|
|
|||||||||||||||||||||||||||||
MSMF05LC Arkusz danych(HTML) 2 Page - Protek Devices |
|
2 / 4 page ![]() 2 05222.R2 2/07 www.protekdevices.com MSMF05LC DEVICE CHARACTERISTICS Storage Temperature SYMBOL VALUE 1.0 V °C -55 to 150 UNITS TSTG V F PARAMETER Maximum Forward Voltage @ 10mA Peak Pulse Power (t p = 8/20µs) - See Figure 1 P PP 25 Watts MAXIMUM RATINGS @ 25°C Unless Otherwise Specified Operating Temperature T L -55 to 150 °C Note 1: Pins 1, 3, 4, 5, or 6 to pin 2. PART NUMBER DEVICE MARKING MINIMUM BREAKDOWN VOLTAGE @ 1mA V (BR) VOLTS MAXIMUM CLAMPING VOLTAGE (See Fig. 2) @8/20µs VC @ IPP MAXIMUM CAPACITANCE (See Note 1) 0V @ 1 MHz C pF MSMF05LC 5L 6.0 12.0V @ 2.0A 9 MAXIMUM LEAKAGE CURRENT @V WM I D µA 1 RATED STAND-OFF VOLTAGE V WM VOLTS 5.0 ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified 0 5 10 15 20 25 30 FIGURE 2 PULSE WAVE FORM FIGURE 1 PEAK PULSE POWER VS PULSE TIME 0.01 1 10 100 1,000 10,000 t d - Pulse Duration - µs t - Time - µs 0 20 40 60 80 100 120 TEST WAVEFORM PARAMETERS t f = 8µs t d = 20µs t f Peak Value I PP e-t t d = t I PP/2 1 10 100 1,000 25W, 8/20µs Waveform |