| Zakładka z wyszukiwarką danych komponentów |
|
DG303ABK Arkusz danych(PDF) 3 Page - Intersil Corporation |
|
|
|||||||||||||||||||||||||||||
DG303ABK Arkusz danych(HTML) 3 Page - Intersil Corporation |
|
3 / 7 page ![]() 3 Absolute Maximum Ratings Thermal Information V+ to V- .. .. .. .. .. .. ... .. .. .. .. .. .. .. .. .. ... .. .. .. 44.0V V- to GND. .. .. .. .. .. ... .. .. .. .. .. .. .. .. .. ... .. .. .. . 25V Digital Inputs, VS,VD (Note 1). .. .. .. .. .. .. (V-) - 2Vto (V+) + 2V or 30mA, Whichever Occurs First Continuous Current, (Any Terminal).. .. .. .. .. .. ... .. .. .. 30mA Peak Current, S or D (Pulsed 1ms, 10% Duty Cycle Max) . . 100mA Operating Conditions Voltage Range . . . . . . . ... .. .. .. .. .. .. .. .. .. ... .. .. .. ±15V Temperature Range “A” Suffix. . . . . . . . . . ... .. .. .. .. .. .. .. .. .. . -55oCto 125oC “B” Suffix. . . . . . . . . . ... .. .. .. .. .. .. .. .. .. .. -25oCto 85oC “C” Suffix . .. .. .. .. ... .. .. .. .. .. .. .. .. .. ... 0oCto 70oC Input Low Voltage . . . . ... .. .. .. .. .. .. .. .. .. ... . 0.8V(Max) Input High Voltage .. .. ... .. .. .. .. .. .. .. .. .. ... .. 4.0V (Min) Input Rise and Fall Time .. .. .. .. .. .. .. .. .. .. ... .. .. . ≤20ns Thermal Resistance (Typical, Note 2) θJA (oC/W) θJC (oC/W) SOIC Package . . . . . . ... .. .. .. .. .. 100 N/A PDIP Package . . . . . . ... .. .. .. .. .. 100 N/A CERDIP Package. . . . ... .. .. .. .. .. 75 20 Maximum Junction Temperature Hermetic Packages . . ... .. .. .. .. .. .. .. .. .. ... .. .. 175oC Plastic Packages . . . . ... .. .. .. .. .. .. .. .. .. ... .. .. 150oC Maximum Storage Temperature Range .. .. .. .. .. -65oCto 150oC Maximum Lead Temperature (Soldering, 10s). .. .. ... .. .. 300oC (SOIC - Lead Tips Only) CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationof the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. NOTES: 1. Signals on SX,DX or INX exceeding V+ or V- will be clamped by internal diodes. Limit diode forward current to maximum current ratings. 2. θJA is measured with the component mounted on an evaluation PC board in free air. Electrical Specifications V+ = +15V, V- = -15V, GND = 0V, TA =25 oC PARAMETER TEST CONDITIONS “A” SUFFIX “B” AND “C” SUFFIX UNITS MIN (NOTE 3) TYP MAX MIN (NOTE 3) TYP MAX DYNAMIC CHARACTERISTICS Turn-ON Time, tON See Figure 3 - 150 300 - 150 - ns Turn-OFF Time, tOFF See Figure 3 - 130 250 - 130 - ns Break-Before-Make Interval, tD See Figure 2, DG301A/DG303A - 50 - - 50 - ns Charge Injection, Q CL =10nF, RS =0, VS =0 - 3 - - 3 - mV OFF Isolation (Note 4) VIN =0, RL =1kΩ,VS =1VRMS, f = 500kHz -62 - - 62 - dB Crosstalk (Channel-to-Channel) --74 - - -74 - dB Source OFF Capacitance, CS(OFF) f= 1MHz, VIN =0.8V or VIN =4.0V VS =0 - 14 - - 14 - pF Drain OFF Capacitance, CD(OFF) VD =0 - 14 - - 14 - pF Channel ON Capacitance, CD(ON) +CS(ON) VS =VD =0 - 40 - - 40 - pF Input Capacitance, CIN f= 1MHz VIN =0 - 6 - - 6 - pF VIN = 15V - 7 - - 7 - pF DIGITAL INPUT CHARACTERISTICS Input Current with Voltage High, IIH VIN = 5.0V -1 -0.001 - -1 -0.001 - µA VIN = 15.0V - 0.001 1 - 0.001 1 µA Input Current with Voltage Low, IIL VIN = 0V -1 -0.001 - -1 -0.001 - µA DG300A, DG301A, DG303A |