Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

XC62HR2001DR Arkusz danych(PDF) 5 Page - Torex Semiconductor

Numer części XC62HR2001DR
Szczegółowy opis  Positive Voltage Regulators (Output ON/OFF)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOREX [Torex Semiconductor]
Strona internetowa  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62HR2001DR Arkusz danych(HTML) 5 Page - Torex Semiconductor

  XC62HR2001DR Datasheet HTML 1Page - Torex Semiconductor XC62HR2001DR Datasheet HTML 2Page - Torex Semiconductor XC62HR2001DR Datasheet HTML 3Page - Torex Semiconductor XC62HR2001DR Datasheet HTML 4Page - Torex Semiconductor XC62HR2001DR Datasheet HTML 5Page - Torex Semiconductor XC62HR2001DR Datasheet HTML 6Page - Torex Semiconductor XC62HR2001DR Datasheet HTML 7Page - Torex Semiconductor XC62HR2001DR Datasheet HTML 8Page - Torex Semiconductor XC62HR2001DR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
509
XC62H
Series
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
VIN
12.0
V
Output Current
IOUT
500
mA
Output Voltage
VOUT
VSS -0.3 ~ VIN +1.3
V
CE Input Voltage
VCE
VSS -0.3 ~ VIN +1.3
V
SOT-25
150
SOT-89-5
500
Power Dissipation
USP-6B
Pd
100
mW
Operating Temperature Range
Topr
-30 ~ +80
Storage Temperature Range
Tstg
-40 ~ +25
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX. UNITS
CIRCUI
T
Output Voltage
VOUT (E)
(*2)
IOUT=40mA
VIN=3.0V
1,960
2,000
2,040
V
1
Maximum Output Current
IOUT max
VIN=3.0V, VOUT(E)≧1.8V
115
-
-
mA
1
Load Regulation
VOUT
VIN=3.0V
1mA≦IOUT≦60mA
-
45
90
mV
1
Vdif1
IOUT=40mA
-
180
360
mV
1
Dropout Voltage
(*3)
Vdif2
IOUT=100mA
-
580
880
mV
1
Supply Current 1
ISS1
VIN=VCE=3.0V
-
2.9
7.9
μ
A
2
Supply Current 2
ISS2
VIN=3.0V, VCE=VSS
-
0.1
μ
A
2
Line Regulation
VOUT
VIN・△VOUT
IOUT=40mA
3.0V≦VIN≦10.0V
-
0.2
0.3
% / V
1
Input Voltage
VIN
-
-
10.0
V
-
Output Voltage
Temperature Characteristics
VOUT
Topr・△VOUT
IOUT=40mA
-30℃≦Topr≦80℃
-
±
100
-
ppm
/ ℃
1
CE "High" Voltage
VCEH
1.5
-
-
V
1
CE "Low" Voltage
VCEL
-
-
0.25
V
1
CE "High" Current
ICEH
VCE=VIN
-
-
0.1
μ
A
2
CE "Low" Current
ICEL
VCE=VSS
-0.2
-0.05
0
μ
A
2
ABSOLUTE MAXIMUM RATINGS
Ta=25℃
ELECTRICAL CHARACTERISTICS
NOTE:
*1: VOUT(T)=Specified output voltage .
*2: VOUT(E)=Effective output voltage (i.e. the output voltage when "VOUT(T)+1.0V" is provided at the VIN pin while maintaining a
certain IOUT value).
*3: Vdif= {VIN1
(*5)-VOUT1 (*4)}
*4: VOUT1= A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT(T)+1.0V} is input.
*5: VIN1= The input voltage when VOUT1 appears as input voltage is gradually decreased.
Ta=25℃
XC62HR2002 VOUT(T)=2.0V
(*1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com