| Zakładka z wyszukiwarką danych komponentów |
|
F1KF Arkusz danych(PDF) 1 Page - RFE international |
|
|
|||||||||||||||||||||||||||||
F1KF Arkusz danych(HTML) 1 Page - RFE international |
|
1 / 3 page ![]() ● Low profile package ● Ideal for automated placement ● Glass passivated chip junction ● High forward surge capability ● Fast reverse recovery time ● Meets MSL level 1, per J-STD-020, LF maximum peak of 260 °C For use in high frequency rectification of power supplies, inverters, converters, and freewheeling diodes for consumer, and telecommunication. ● Package: SMAF Molding compound meets UL 94 V-0 flammability rating, RoHS-compliant, halogen-free ● Terminals: Tin plated leads, solderable per J-STD-002 and JESD22-B102 ● Polarity: Cathode line denotes the cathode end (Ta=25°CUnless otherwise specified) PARAMETER SYMBOL UNIT F1AF F1BF F1DF F1GF F1JF F1KF F1MF Device marking code F1AF F1BF F1DF F1GF F1JF F1KF F1MF Repetitive peak reverse voltage VRRM V 50 100 200 400 600 800 1000 Average rectified output current @60Hz sine wave, resistance load, TL (Fig.1) IO A 1.0 Surge(non-repetitive)forward current @60Hz half-sine wave,1 cycle, Ta=25 °C IFSM A 30 Storage temperature Tstg °C -55~+150 Junction temperature Tj °C -55~+150 (Ta=25°CUnless otherwise specified) PARAMETER SYMBOL UNIT TEST CONDITIONS F1AF F1BF F1DF F1GF F1JF F1KF F1MF Maximum instantaneous forward voltage drop per diode VF V IFM=1.0A 1.3 Maximum reverse recovery time trr ns IF=0.5A,IR=1.0A, Irr=0.25A 150 250 500 Maximum DC reverse current at rated DC blocking voltage per diode @ VRM=VRRM IRRM μA Ta=25°C 5.0 Ta=125°C 100 Surface Mount Fast Recovery Rectifier F1AF Through F1MF FEATURES TYPICAL APPLICATIONS MECHANICAL DATA MAXIMUM RATINGS ELECTRICAL CHARACTERISTICS S-S032 07-10-2020 (Ta=25°CUnless otherwise specified) THERMAL CHARACTERISTICS PARAMETER SYMBOL UNIT F1AF F1BF F1DF F1GF F1JF F1KF F1MF Thermal resistance RθJ-A(1) °C /W 701) RθJ-L(1) 251) Page 1 of 3 Note: (1) Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.2" x 0.2" (5.0 mm x 5.0 mm) copper pad areas RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com |
Podobny numer części - F1KF |
|
Podobny opis - F1KF |