Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HS2FA Arkusz danych(PDF) 1 Page - RFE international

Numer części HS2FA
Szczegółowy opis  Surface Mount High Efficient Rectifier HS2AA Through HS2MA
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RFE [RFE international]
Strona internetowa  http://www.rfeinc.com
Logo RFE - RFE international

HS2FA Arkusz danych(HTML) 1 Page - RFE international

  HS2FA Datasheet HTML 1Page - RFE international HS2FA Datasheet HTML 2Page - RFE international HS2FA Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Surface Mount High Efficient Rectifier
HS2AA Through HS2MA
(SMA)
S-S064
07-22-2020
FEATURES
TYPICAL APPLICATIONS
MECHANICAL DATA
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
THERMAL CHARACTERISTICS
Page 1 of 3
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com


Podobny numer części - HS2FA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
HS2FA TSC-HS2FA Datasheet
53Kb / 2P
1.5 AMPS. High Efficient Surface Mount Rectifiers
HS2FA TSC-HS2FA Datasheet
135Kb / 2P
1.5 AMPS High Efficient Surface Mount Rectifiers
logo
Shenzhen Taychipst Elec...
HS2FA TAYCHIPST-HS2FA Datasheet
5Mb / 2P
High Efficient Surface Mount Rectifiers
logo
Taiwan Semiconductor Co...
HS2FA TSC-HS2FA Datasheet
376Kb / 4P
High Efficient Surface Mount Rectifiers
logo
Yangzhou yangjie electr...
HS2FA YANGJIE-HS2FA Datasheet
161Kb / 2P
HS2AA_17
More results

Podobny opis - HS2FA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SEMTECH ELECTRONICS LTD...
SE1A SEMTECH_ELEC-SE1A Datasheet
197Kb / 2P
SURFACE MOUNT HIGH EFFICIENT RECTIFIER
logo
SUNMATE electronic Co.,...
MURA130 SUNMATE-MURA130 Datasheet
145Kb / 2P
1.0A Surface Mount High Efficient Rectifier
MURA160 SUNMATE-MURA160 Datasheet
109Kb / 2P
1.0A Surface Mount High Efficient Rectifier
logo
Taiwan Semiconductor Co...
UG2JAH TSC-UG2JAH Datasheet
505Kb / 6P
2A, 600V High Efficient Surface Mount Rectifier
logo
RFE international
H1AF RFE-H1AF Datasheet
1Mb / 3P
Surface Mount High Efficient Rectifier H1AF Through H1MF
07-21-2020
H2AF RFE-H2AF Datasheet
2Mb / 3P
Surface Mount High Efficient Rectifier H2AF Through H2MF
07-21-2020
HS1AB RFE-HS1AB Datasheet
2Mb / 3P
Surface Mount High Efficient Rectifier HS1AB Through HS1MB
24-06-2020
HS3A RFE-HS3A Datasheet
2Mb / 3P
Surface Mount High Efficient Rectifier HS3A Through HS3M
07-30-2020
HS3AB RFE-HS3AB Datasheet
2Mb / 3P
Surface Mount High Efficient Rectifier HS3AB Through HS3MB
07-30-2020
HS5A RFE-HS5A Datasheet
2Mb / 3P
Surface Mount High Efficient Rectifier HS5A Through HS5M
07-30-2020
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com