| Zakładka z wyszukiwarką danych komponentów |
|
MMBT5551 Arkusz danych(PDF) 2 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
MMBT5551 Arkusz danych(HTML) 2 Page - Diodes Incorporated |
|
2 / 4 page ![]() DS30061 Rev. 9 - 2 2 of 4 MMBT5551 www.diodes.com Month Jan Feb March Apr May Jun Jul Aug Sep Oct Nov Dec Code 1 2 3 4 5 6 7 8 9 O N D Date Code Key K4N = Product Type Marking Code YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September K4N Marking Information Device Packaging Shipping MMBT5551-7-F SOT-23 3000/Tape & Reel Ordering Information (Note 4) Notes: 3. Short duration test pulse used to minimize self-heating effect. 4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. Year 1998 1999 2000 2001 2002 2003 2004 2005 2006 2007 2008 2009 Code J K L M N P R S T U V W Characteristic Symbol Min Max Unit Test Condition OFF CHARACTERISTICS (Note 3) Collector-Base Breakdown Voltage V(BR)CBO 180 ¾ V IC = 100mA, IE = 0 Collector-Emitter Breakdown Voltage V(BR)CEO 160 ¾ V IC = 1.0mA, IB = 0 Emitter-Base Breakdown Voltage V(BR)EBO 6.0 ¾ V IE = 10mA, IC = 0 Collector Cutoff Current ICBO ¾ 50 nA m A VCB = 120V, IE = 0 VCB = 120V, IE = 0, TA = 100°C Emitter Cutoff Current IEBO ¾ 50 nA VEB = 4.0V, IC = 0 ON CHARACTERISTICS (Note 3) DC Current Gain hFE 80 80 30 ¾ 250 ¾ ¾ IC = 1.0mA, VCE = 5.0V IC = 10mA, VCE = 5.0V IC = 50mA, VCE = 5.0V Collector-Emitter Saturation Voltage VCE(SAT) ¾ 0.15 0.20 V IC = 10mA, IB = 1.0mA IC = 50mA, IB = 5.0mA Base-Emitter Saturation Voltage VBE(SAT) ¾ 1.0 V IC = 10mA, IB = 1.0mA IC = 50mA, IB = 5.0mA SMALL SIGNAL CHARACTERISTICS Output Capacitance Cobo ¾ 6.0 pF VCB = 10V, f = 1.0MHz, IE = 0 Small Signal Current Gain hfe 50 250 ¾ VCE = 10V, IC = 1.0mA, f = 1.0kHz Current Gain-Bandwidth Product fT 100 300 MHz VCE = 10V, IC = 10mA, f = 100MHz Noise Figure nF ¾ 8.0 dB VCE = 5.0V, IC = 200mA, RS = 1.0kW, f = 1.0kHz Electrical Characteristics @ TA = 25°C unless otherwise specified |